Electronic Components Datasheet Search
  English  ▼

X  

S19200 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S19200
Description  FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19200 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S19200 Datasheet HTML 3Page - Seiko Instruments Inc S19200 Datasheet HTML 4Page - Seiko Instruments Inc S19200 Datasheet HTML 5Page - Seiko Instruments Inc S19200 Datasheet HTML 6Page - Seiko Instruments Inc S19200 Datasheet HTML 7Page - Seiko Instruments Inc S19200 Datasheet HTML 8Page - Seiko Instruments Inc S19200 Datasheet HTML 9Page - Seiko Instruments Inc S19200 Datasheet HTML 10Page - Seiko Instruments Inc S19200 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
Rev.1.2_00
S-19200 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 7
(Tj =
−40°C to +125°C, Ta = −40°C to +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = 13.5 V,
IOUT = 30 mA,
−40°C ≤ Tj ≤ +105°C
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
VOUT(S)
× 0.97
VOUT(S)
VOUT(S)
× 1.03
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 2.0 V
200
*4
−
−
mA
3
Dropout voltage*
3
Vdrop
IOUT = 100 mA,
Ta =
+25°C
VOUT(S) = 3.3 V
−
0.35
−
V
1
VOUT(S) = 5.0 V
−
0.23
−
V
1
IOUT = 200 mA,
Ta =
+25°C
VOUT(S) = 3.3 V
−
0.72
−
V
1
VOUT(S) = 5.0 V
−
0.50
−
V
1
Line regulation
OUT
IN
1
OUT
V
V
V
•
Δ
Δ
VOUT(S)
+ 1.0 V ≤ VIN ≤ 30 V, IOUT = 30 mA
−
0.05
0.3
%/V
1
Load regulation
ΔVOUT2
VIN = 13.5 V, VOUT(S) = 3.3 V, VOUT(S) = 5.0 V,
0.1 mA
≤ IOUT ≤ 40 mA
−
20
70
mV
1
Current
consumption
during operation
ISS1
VIN = 13.5 V,
ON / OFF pin = ON,
no load
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
−
4.0
9.0
μA
2
Current
consumption
during power-off
ISS2
VIN = 13.5 V,
ON / OFF pin = OFF,
no load
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
−
0.1
2.5
μA
2
Input voltage
VIN
−
4.3
−
50
V
−
ON / OFF pin
input voltage "H"
VSH
VIN = 13.5 V,
RL = 1.0 k
Ω, determined
by VOUT output level
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
1.5
−
−
V
4
ON / OFF pin
input voltage "L"
VSL
VIN = 13.5 V,
RL = 1.0 k
Ω, determined
by VOUT output level
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
−
−
0.3
V
4
ON / OFF pin
input current "H"
ISH
VIN = 13.5 V,
VON / OFF = 13.5 V
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
−0.1
−
0.1
μA
4
ON / OFF pin
input current "L"
ISL
VIN = 13.5 V,
VON / OFF = 0 V
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
−0.1
−
0.1
μA
4
Ripple rejection
|RR|
VIN = 13.5 V,
f = 100 Hz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA,
Ta =
+25°C
VOUT(S) = 3.3 V
−
45
−
dB
5
VOUT(S) = 5.0 V
−
40
−
dB
5
Short-circuit current Ishort
VIN = 13.5 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
VOUT(S) = 3.3 V,
VOUT(S) = 5.0 V
−
80
−
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
−
150
−
°C
−
Thermal shutdown
release temperature
TSR
Junction temperature
−
125
−
°C
−
*1. VOUT(S):
Set output voltage
VOUT(E):
Actual output voltage
The output voltage when fixing IOUT (= 30 mA) and inputting 13.5 V.
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 2.0 V, and IOUT = 100 mA or 200 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
*4. The output current can be at least this value.
Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com