Electronic Components Datasheet Search
  English  ▼

X  

S19200 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S19200
Description  FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19200 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S19200 Datasheet HTML 7Page - Seiko Instruments Inc S19200 Datasheet HTML 8Page - Seiko Instruments Inc S19200 Datasheet HTML 9Page - Seiko Instruments Inc S19200 Datasheet HTML 10Page - Seiko Instruments Inc S19200 Datasheet HTML 11Page - Seiko Instruments Inc S19200 Datasheet HTML 12Page - Seiko Instruments Inc S19200 Datasheet HTML 13Page - Seiko Instruments Inc S19200 Datasheet HTML 14Page - Seiko Instruments Inc S19200 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
Rev.1.2_00
S-19200 Series
Seiko Instruments Inc.
11
Operation
1. Basic operation
Figure 9 shows the block diagram of the S-19200 Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output voltage
resistance-divided by feedback resistors (Rs and Rf). It supplies the gate voltage necessary to maintain the constant
output voltage which is not influenced by the input voltage and temperature change, to the output transistor.
VOUT
*1
VSS
VIN
Rs
Rf
Error amplifier
Current
supply
Vref
Vfb
−
+
Reference voltage
circuit
*1. Parasitic diode
Figure 9
2. Output transistor
In the S-19200 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN
+ 0.3 V to prevent the voltage regulator from being damaged due to reverse
current flowing from the VOUT pin through a parasitic diode to the VIN pin, when the potential of VOUT became
higher than VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com