Electronic Components Datasheet Search
  English  ▼

X  

S19200 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S19200
Description  FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19200 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S19200 Datasheet HTML 9Page - Seiko Instruments Inc S19200 Datasheet HTML 10Page - Seiko Instruments Inc S19200 Datasheet HTML 11Page - Seiko Instruments Inc S19200 Datasheet HTML 12Page - Seiko Instruments Inc S19200 Datasheet HTML 13Page - Seiko Instruments Inc S19200 Datasheet HTML 14Page - Seiko Instruments Inc S19200 Datasheet HTML 15Page - Seiko Instruments Inc S19200 Datasheet HTML 16Page - Seiko Instruments Inc S19200 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
Rev.1.2_00
S-19200 Series
Seiko Instruments Inc.
13
5. Thermal shutdown circuit
The S-19200 Series has a thermal shutdown circuit to protect the device from damage due to overheat. When the
junction temperature rises to 150
°C typ., the thermal shutdown circuit operates to stop regulating. When the
junction temperature drops to 125
°C typ., the thermal shutdown circuit is released to restart regulating.
Due to self-heating of the S-19200 Series, if the thermal shutdown circuit starts operating, it stops regulating so that
the output voltage drops. When regulation stops, the S-19200 Series does not itself generate heat and the IC's
temperature drops. When the temperature drops, the thermal shutdown circuit is released to restart regulating, thus
this IC generates heat again. Repeating this procedure makes the waveform of the output voltage into a pulse-like
form. Stop or restart of regulation continues unless decreasing either or both of the input voltage and the output
current in order to reduce the internal power consumption, or decreasing the ambient temperature.
Table 9
Thermal Shutdown Circuit
VOUT Pin Voltage
Operate: 150
°C typ.
*1
VSS level
Release: 125
°C typ.
*1
Set value
*1. Junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com