Electronic Components Datasheet Search
  English  ▼

X  

S19200 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S19200
Description  FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19200 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S19200 Datasheet HTML 1Page - Seiko Instruments Inc S19200 Datasheet HTML 2Page - Seiko Instruments Inc S19200 Datasheet HTML 3Page - Seiko Instruments Inc S19200 Datasheet HTML 4Page - Seiko Instruments Inc S19200 Datasheet HTML 5Page - Seiko Instruments Inc S19200 Datasheet HTML 6Page - Seiko Instruments Inc S19200 Datasheet HTML 7Page - Seiko Instruments Inc S19200 Datasheet HTML 8Page - Seiko Instruments Inc S19200 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-19200 Series
www.sii-ic.com
FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2013-2015
Rev.1.2_00
Seiko Instruments Inc.
1
The S-19200 Series, developed by using high-withstand voltage CMOS technology, is a positive voltage regulator with a
high-withstand voltage, low current consumption, and high-accuracy output voltage.
The S-19200 Series operates at a high maximum operating voltage of 50 V and a low current consumption of 4.0
μA typ.
In addition to a built-in low on-resistance transistor which provides a very small dropout voltage and a large output current,
this voltage regulator also has a built-in ON / OFF circuit.
An overcurrent protection circuit prevents the load current from exceeding the current capacity of the output transistor, and
a built-in thermal shutdown circuit prevents damage caused by heat.
A high heat radiation HSOP-6 package enables high-density mounting.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in
the purpose, contact to SII is indispensable.
Features
• Output voltage:
3.3 V, 5.0 V
• Input voltage:
4.3 V to 50 V
• Output voltage accuracy:
±1.0% (Tj = +25°C)
±3.0% (Tj = −40°C to +105°C)
• Current consumption:
During operation: 4.0
μA typ., 9.0 μA max. (Ta = −40°C to +105°C)
During power-off: 0.1
μA typ., 2.5 μA max. (Ta = −40°C to +105°C)
• Output current:
Possible to output 200 mA (VIN
≥ VOUT(S) + 2.0 V)
*1
• Input and output capacitors:
A ceramic capacitor of 0.1
μF or more can be used.
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*2
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
*2. Contact our sales office for details.
Applications
• Constant-voltage power supply for electrical application for vehicle interior
• Constant-voltage power supply for home electric appliance
Package
• HSOP-6


Similar Part No. - S19200

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S19200

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1212 SII-S1212 Datasheet
1Mb / 45P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1142C SII-S1142C Datasheet
651Kb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1142A SII-S1142A Datasheet
685Kb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com