Electronic Components Datasheet Search
  English  ▼

X  

S19200 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S19200
Description  FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19200 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S19200 Datasheet HTML 8Page - Seiko Instruments Inc S19200 Datasheet HTML 9Page - Seiko Instruments Inc S19200 Datasheet HTML 10Page - Seiko Instruments Inc S19200 Datasheet HTML 11Page - Seiko Instruments Inc S19200 Datasheet HTML 12Page - Seiko Instruments Inc S19200 Datasheet HTML 13Page - Seiko Instruments Inc S19200 Datasheet HTML 14Page - Seiko Instruments Inc S19200 Datasheet HTML 15Page - Seiko Instruments Inc S19200 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
S-19200 Series
Rev.1.2_00
Seiko Instruments Inc.
12
3. ON / OFF pin
This pin starts and stops the regulator.
When the ON / OFF pin is set to OFF level, the entire internal circuit stops operating, and the built-in P-channel
MOS FET output transistor between the VIN pin and the VOUT pin is turned off, reducing current consumption
significantly. The VOUT pin is set to the VSS level by the internal dividing resistor of several M
Ω between the VOUT
pin and the VSS pin.
Note that the current consumption increases when a voltage of 0.3 V to VIN
− 0.3 V is applied to the ON / OFF pin.
The ON / OFF pin is configured as shown in Figure 10. Since the ON / OFF pin is neither pulled down nor pulled up
internally, do not use it in the floating status. When not using the ON / OFF pin, connect it to the VSS pin in the
product A type, and connect it to the VIN pin in the B type.
Table 8
Product Type ON / OFF Pin Internal Circuit VOUT Pin Voltage
Current Consumption
A
"L": ON
Operate
Set value
ISS1
A
"H": OFF
Stop
VSS level
ISS2
B
"L": OFF
Stop
VSS level
ISS2
B
"H": ON
Operate
Set value
ISS1
VSS
ON / OFF
VIN
Figure 10
4. Overcurrent protection circuit
The S-19200 Series includes an overcurrent protection circuit having the characteristics shown in "1. Output
voltage vs. Output current (When load current increases) (Ta =
+25°C)" in " Characteristics (Typical Data)",
in order to protect the output transistor against an excessive output current and short circuiting between the VOUT
pin and the VSS pin. The current when the output pin is short-circuited (Ishort) is internally set at approx. 80 mA typ.,
and the normal value is restored for the output voltage, if releasing a short circuit once.
Caution This overcurrent protection circuit does not work as for thermal protection. If this IC long
keeps short circuiting inside, pay attention to the conditions of input voltage and load
current so that, under the usage conditions including short circuit, the loss of the IC will
not exceed power dissipation of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com