Electronic Components Datasheet Search
  English  ▼

X  

AFE5812ZCF Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812ZCF
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812ZCF Datasheet(HTML) 58 Page - Texas Instruments

Back Button AFE5812ZCF Datasheet HTML 54Page - Texas Instruments AFE5812ZCF Datasheet HTML 55Page - Texas Instruments AFE5812ZCF Datasheet HTML 56Page - Texas Instruments AFE5812ZCF Datasheet HTML 57Page - Texas Instruments AFE5812ZCF Datasheet HTML 58Page - Texas Instruments AFE5812ZCF Datasheet HTML 59Page - Texas Instruments AFE5812ZCF Datasheet HTML 60Page - Texas Instruments AFE5812ZCF Datasheet HTML 61Page - Texas Instruments AFE5812ZCF Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
AFE5812
SLOS816A – MARCH 2015 – REVISED MARCH 2015
www.ti.com
Address
Address
Default
Function
Description
(DEC)
(HEX)
Value
52[7:6]
0x34[7:6]
0
PRESET_ACTIVE_ TERMINATIONS
00: 50
Ω
01: 100
Ω
10: 200
Ω
11: 400
Ω
Note: The device adjusts resistor mapping
(52[4:0]) automatically. 50-
Ω active termination is
not supported in 15-dB LNA setting. Instead, 00
represents high-impedance mode when LNA gain
is 15 dB.
52[8]
0x34[8]
0
ACTIVE TERMINATION ENABLE
0: Disable
1: Enable active termination
52[10:9]
0x34[10:9]
0
LNA_INPUT_CLAMP_SETTING
00: Auto setting
01: 1.5 Vpp
10: 0.825 Vpp
11: 0.6 Vpp
52[11]
0x34[11]
0
RESERVED
Set to 0
52[12]
0x34[12]
0
LNA_INTEGRATOR_DISABLE
0: Enable
(LNA_HPF_DISABLE)
1: Disable offset integrator for LNA. See the
explanation for this function in the following
section
52[14:13]
0x34[14:13]
0
LNA_GAIN
00: 18 dB
01: 24 dB
10: 15 dB
11: Reserved
52[15]
0x34[15]
0
LNA_INDIVIDUAL_CH_CNTL
0: Disable
1: Enable LNA individual channel control. See
Register 57 for details
53[7:0]
0x35[7:0]
0
VCA_PDN_CH<7:0>
0: Normal operation
1: Powers down corresponding channels. Bit7
→
CH8, Bit6
→ CH7…Bit0 → CH1. PDN_CH shuts
down whichever blocks are active depending on
TGC mode or CW mode.
53[8]
0x35[8]
0
RESERVED
Set to 0
53[9]
0x35[9]
0
LOW_NF
0: Normal operation
1: Enable low-noise figure mode for high-
impedance probes
53[11:10]
0x35[11:10]
0
POWER_MODES
00: Low noise mode
01: Set to low-power mode. At 30-dB PGA, total
chain gain may slightly change. See Typical
Characteristics.
10: Set to medium-power mode. At 30-dB PGA,
total chain gain may slightly change. See Typical
Characteristics.
11: Reserved
53[12]
0x35[12]
0
PDN_VCAT_PGA
0: Normal operation
1: Powers down VCAT and PGA
53[13]
0x35[13]
0
PDN_LNA
0: Normal operation
1: Powers down LNA only
53[14]
0x35[14]
0
VCA_PARTIAL_PDN
0: Normal operation
1: Powers down LNA, VCAT, and PGA partially
(fast-wake response)
53[15]
0x35[15]
0
VCA_COMPLETE_PDN
0: Normal operation
1: Power down LNA, VCAT, and PGA completely
(slow-wake response). This bit can overwrite
53[14].
54[4:0]
0x36[4:0]
0
CW_SUM_AMP_GAIN_CNTL
Select feedback resistor for the CW amplifier as
per Table 7
54[5]
0x36[5]
0
CW_16X_CLK_SEL
0: Accept differential clock
1: Accept CMOS clock
58
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com