Electronic Components Datasheet Search
  English  ▼

X  

AFE5812ZCF Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812ZCF
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812ZCF Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE5812ZCF Datasheet HTML 15Page - Texas Instruments AFE5812ZCF Datasheet HTML 16Page - Texas Instruments AFE5812ZCF Datasheet HTML 17Page - Texas Instruments AFE5812ZCF Datasheet HTML 18Page - Texas Instruments AFE5812ZCF Datasheet HTML 19Page - Texas Instruments AFE5812ZCF Datasheet HTML 20Page - Texas Instruments AFE5812ZCF Datasheet HTML 21Page - Texas Instruments AFE5812ZCF Datasheet HTML 22Page - Texas Instruments AFE5812ZCF Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
0
50
100
150
200
250
300
350
400
450
500
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Frequency (Hz)
50
100
200
400
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Frequency (Hz)
50
100
200
400
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Frequency (Hz)
Open
2000
4000
6000
8000
10000
12000
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Frequency (Hz)
Open
0
1000
2000
3000
4000
5000
6000
7000
8000
Gain (dB)
G005
0
10
20
30
40
50
60
70
80
90
100
110
120
ADC Output
G058
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
Typical Characteristics (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1-µF capacitors at INP and 15-nF
capacitors at INM, No active termination, VCNTL = 0 V, FIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14 bit, sample rate = 65
MSPS, LPF filter = 15 MHz, low-noise mode, Single-ended VCNTL mode, VCNTLM = GND, ADC is configured in internal
reference mode, VOUT = –1 dBFS, 500-Ω CW feedback resistor, CMOS 16× clock, digital demodulator is disabled, at ambient
temperature TA = 25°C, unless otherwise noted.
Figure 6. Gain Matching Histogram, VCNTL = 0.9 V (34951
Figure 7. Output Offset Histogram, VCNTL = 0 V (1247
Channels)
Channels)
Figure 8. Input Impedance Without Active Termination
Figure 9. Input Impedance Without Active Termination
(Magnitude)
(Phase)
Figure 10. Input Impedance With Active Termination
Figure 11. Input Impedance With Active Termination (Phase)
(Magnitude)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com