Electronic Components Datasheet Search
  English  ▼

X  

AFE5812ZCF Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812ZCF
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812ZCF Datasheet(HTML) 65 Page - Texas Instruments

Back Button AFE5812ZCF Datasheet HTML 61Page - Texas Instruments AFE5812ZCF Datasheet HTML 62Page - Texas Instruments AFE5812ZCF Datasheet HTML 63Page - Texas Instruments AFE5812ZCF Datasheet HTML 64Page - Texas Instruments AFE5812ZCF Datasheet HTML 65Page - Texas Instruments AFE5812ZCF Datasheet HTML 66Page - Texas Instruments AFE5812ZCF Datasheet HTML 67Page - Texas Instruments AFE5812ZCF Datasheet HTML 68Page - Texas Instruments AFE5812ZCF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
Table 12. Digital Demodulator Register Map(1)(2)(3) (continued)
Address
Address
Register Name
(HEX)
(DEC)
Default
Description
BIT [5:0]
BIT [5:0]
0 = Enable first-order digital HPF. –3 dB cut off frequency is at 0.0225
× Fs / 2. Its transfer function equation is h(n) = a / b, where a = [1 –
DHPF
0A[12]
10[12]
1
7569 / 213] and b = [1 –1];
1 = Disable first-order digital HPF.
Swap channel pairs. It is used in 4 LVDS bypass configuration to
OUTPUT_CHANNEL_SEL
0A[11]
10[11]
0
select which of the two possible data streams to pass on. See
Table 11.
SIN_COS_RESET_ON_TX
0 = Continuous phase
0A[10]
10[10]
1
_TRIG
1 = Reset down conversion phase on TX_TRIG
0 = Use 4 LVDS lines (1, 3, 5, 7)
FULL_LVDS_MODE
0A[9]
10[9]
0
1 = Use 8 LVDS lines (1 through 8)
Note: 4 LVDS mode valid only for decimation factors
≥4. See Table 14.
RESERVED
0A[8:5]
10[8:5]
0
Must set to 0
RESERVED
0A[4]
10[4]
0
Must set to 1
0 = Enable decimation filter
DEC_BYPASS
0A[3]
10[3]
0
1 = Bypass decimation filter
0 = Enable down conversion block
DWN_CNV_BYPASS
0A[2]
10[2]
0
1 = Bypass down conversion block. Note: the decimation filter can still
be used when the down conversion block is bypassed.
RESERVED
0A[1]
10[1]
1
Must set to 1
0 = Enable DC removal block
DC_REMOVAL_BYPASS
0A[0]
10[0]
0
1 = Bypass DC removal block
LVDS sync word. When MODULATE_BYPASS = 1, there is no sync
SYNC_WORD
0B[15:0]
11[15:0]
0x2772
word output.
Profile word selector.
The Profile Index register is a special 5-bit data register. Read value
PROFILE_INDX
0E[15:11]
14[15:11]
0
still uses 16-bit convention, which means data will be available on LSB
0e[4:0])
54[13:0]
→ DC offset for channel 1, SCID1_SEL,SCID0_SEL = 01
94[13:0]
→ DC offset for channel 5, SCID1_SEL,SCID0_SEL = 10
Note: Considering the CH-to-CH DC offset variation, the offset value
DC_REMOVAL_1_5
14[13:0]
20[13:0]
0
must be set individually. Therefore, SCID1_SEL,SCID0_SEL should
not be set as 11.
Note: DC_REMOVAL_X_X registers are write-only.
55[13:0]
→ DC offset for channel 2, SCID1_SEL,SCID0_SEL = 01
95[13:0]
→ DC offset for channel 6, SCID1_SEL,SCID0_SEL = 10
Note: Considering the CH-to-CH DC offset variation, the offset value
DC_REMOVAL_2_6
15[13:0]
21[13:0]
0
must be set individually. Therefore, SCID1_SEL,SCID0_SEL should
not be set as 11.
Note: DC_REMOVAL_X_X registers are write-only.
56[13:0]
→ DC offset for channel 3, SCID1_SEL,SCID0_SEL=01
96[13:0]
→ DC offset for channel 7, SCID1_SEL,SCID0_SEL=10
Note: Considering the CH-to-CH DC offset variation, the offset value
DC_REMOVAL_3_7
16[13:0]
22[13:0]
0
must be set individually. Therefore, SCID1_SEL,SCID0_SEL should
not be set as 11.
Note: DC_REMOVAL_X_X registers are write-only.
57[13:0]
→ DC offset for channel 4, SCID1_SEL,SCID0_SEL = 01
97[13:0]
→ DC offset for channel 8, SCID1_SEL,SCID0_SEL = 10
Note: Considering the CH-to-CH DC offset variation, the offset value
DC_REMOVAL_4_8
17[13:0]
23[13:0]
0
must be set individually. Therefore, SCID1_SEL,SCID0_SEL should
not be set as 11.
Note: DC_REMOVAL_X_X registers are write-only.
0 = Profile vector specifies the number of bit to shift for the decimation
filter output.
DEC_SHIFT_FORCE_EN
1D[7]
29[7]
0
1 = Register 1D[6:4] specifies the number of bit to shift for the
decimation filter output.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com