Electronic Components Datasheet Search
  English  ▼

X  

AFE5812ZCF Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812ZCF
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812ZCF Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5812ZCF Datasheet HTML 17Page - Texas Instruments AFE5812ZCF Datasheet HTML 18Page - Texas Instruments AFE5812ZCF Datasheet HTML 19Page - Texas Instruments AFE5812ZCF Datasheet HTML 20Page - Texas Instruments AFE5812ZCF Datasheet HTML 21Page - Texas Instruments AFE5812ZCF Datasheet HTML 22Page - Texas Instruments AFE5812ZCF Datasheet HTML 23Page - Texas Instruments AFE5812ZCF Datasheet HTML 24Page - Texas Instruments AFE5812ZCF Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
Vcntl (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
0
5
10
15
20
25
30
35
40
45
50
LNA 15dB
LNA 18dB
LNA 24dB
Vcntl (V)
0
0.1
0.2
0.3
0.4
0.5
1
1.5
2
2.5
3
LNA 15dB
LNA 18dB
LNA 24dB
Vcntl (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
0
5
10
15
20
25
30
35
40
45
50
LNA 15dB
LNA 18dB
LNA 24dB
Vcntl (V)
0
0.1
0.2
0.3
0.4
0.5
1
1.5
2
2.5
3
LNA 15dB
LNA 18dB
LNA 24dB
Vcntl (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
0
5
10
15
20
25
30
35
40
LNA 15dB
LNA 18dB
LNA 24dB
Vcntl (V)
0
0.1
0.2
0.3
0.4
0
0.5
1
1.5
2
2.5
3
LNA 15dB
LNA 18dB
LNA 24dB
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
Typical Characteristics (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1-µF capacitors at INP and 15-nF
capacitors at INM, No active termination, VCNTL = 0 V, FIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14 bit, sample rate = 65
MSPS, LPF filter = 15 MHz, low-noise mode, Single-ended VCNTL mode, VCNTLM = GND, ADC is configured in internal
reference mode, VOUT = –1 dBFS, 500-Ω CW feedback resistor, CMOS 16× clock, digital demodulator is disabled, at ambient
temperature TA = 25°C, unless otherwise noted.
Figure 18. IRN, PGA = 24 dB and Low Noise Mode
Figure 19. IRN, PGA = 24 dB and Low Noise Mode
Figure 20. IRN, PGA = 24 dB and Medium-Power Mode
Figure 21. IRN, PGA = 24 dB and Medium-Power Mode
Figure 22. IRN, PGA = 24 dB and Low-Power Mode
Figure 23. IRN, PGA = 24 dB and Low-Power Mode
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com