Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1203 Datasheet HTML 1Page - Texas Instruments AMC1203 Datasheet HTML 2Page - Texas Instruments AMC1203 Datasheet HTML 3Page - Texas Instruments AMC1203 Datasheet HTML 4Page - Texas Instruments AMC1203 Datasheet HTML 5Page - Texas Instruments AMC1203 Datasheet HTML 6Page - Texas Instruments AMC1203 Datasheet HTML 7Page - Texas Instruments AMC1203 Datasheet HTML 8Page - Texas Instruments AMC1203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +105°C, VDD1 = 4.5V to 5.5V, VDD2 = 4.5V to 5.5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with
OSR = 256, unless otherwise noted.
AMC1203
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY
AMC1203
±3
±9
LSB
INL
Integral linearity error(2)
AMC1203B
±2
±6
LSB
DNL
Differential nonlinearity(3)
–1
+1
LSB
VOS
Offset error(4)
–1
±0.1
1
mV
TCVOS
Offset error thermal drift
±1.5
±5
μV/°C
AMC1203
–2
±0.2
2
%
GERR
Gain error
AMC1203B
–1
±0.2
1
%
TCGERR
Gain error thermal drift
±20
ppm/
°C
PSRR
Power-supply rejection ratio
80
dB
ANALOG INPUTS
FSR
Full-scale differential voltage input range
(VIN+) – (VIN–)
–320
320
mV
VCM
Operating common-mode signal(3)
–0.1
5
V
CI
Input capacitance to GND1
VIN+ or VIN–
3
pF
CID
Differential input capacitance
6
pF
RID
Differential input resistance
28
k
Ω
IIL
Input leakage current
–5
5
nA
CMTI
Common-mode transient immunity
VCM = 1kV
15
kV/
μs
VIN from 0V to 5V at 0Hz
92
dB
CMRR
Common-mode rejection ratio
VIN from 0V to 5V at 50kHz
105
dB
INTERNAL CLOCK
tCLK
Clock period
See Figure 2
83.33
100
125
ns
fCLK
Clock frequency
See Figure 2
8
10
12
MHz
tH
Clock high-time
See Figure 2
(tCLK/2) – 8
50
(tCLK/2) + 8
ns
tD1
Data valid time after falling edge of clock
See Figure 2
–2
0
2
ns
AC ACCURACY
SINAD
Signal-to-noise + distortion
fIN = 1kHz
80
85
dB
SNR
Signal-to-noise ratio
fIN = 1kHz
80.5
85
dB
AMC1203, fIN = 1kHz
–92
–84.5
dB
THD
Total harmonic distortion
AMC1203B, fIN = 1kHz
–95
–88
AMC1203, fIN = 1kHz
86
92
dB
SFDR
Spurious-free dynamic range
AMC1203B, fIN = 1kHz
89
95
(1)
All typical values are at TA = +25°C
(2)
Integral nonlinearity is defined as the maximum deviation of the line through the inputs of the specified input range of the transfer curve
of the specified VIN expressed either as number of LSBs, or as a percent of the specified 560mV input range.
(3)
Ensured by design.
(4)
Maximum values, including temperature drift, are ensured over the full specified temperature range.
Copyright
© 2008–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com