Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 13Page - Texas Instruments AMC1203 Datasheet HTML 14Page - Texas Instruments AMC1203 Datasheet HTML 15Page - Texas Instruments AMC1203 Datasheet HTML 16Page - Texas Instruments AMC1203 Datasheet HTML 17Page - Texas Instruments AMC1203 Datasheet HTML 18Page - Texas Instruments AMC1203 Datasheet HTML 19Page - Texas Instruments AMC1203 Datasheet HTML 20Page - Texas Instruments AMC1203 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
R
2
12W
R
3
12W
R
SHUNT
AMC1203
Gated
Drive
Circuit
ToLoad
Floating
PowerSupply
HV+
Isolation
Barrier
C
2
330pF
C
3
10pF
(optional)
V
DD1
V
IN+
V
IN-
GND1
V
DD2
MDAT
MCLK
GND2
C
4
10pF
(optional)
C
1
(1)
0.1 F
m
D
1
5.1V
R
1
Gated
Drive
Circuit
Power
Supply
HV-
NOTE:(1)PlaceC closetoAMC1203.
1
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
APPLICATION INFORMATION
A typical operation of the AMC1203 in a motor-control
of
0.1
μF
is
recommended
for
filtering
this
application is shown in Figure 30. Measurement of
power-supply path. This capacitor
©1 in Figure 30)
the motor phase current is done via the shunt resistor
should be placed as close as possible to the VDD1 pin
®SHUNT; in this case, a 2-terminal shunt). For better
for best performance. If better filtering is required, an
performance, the differential signal is filtered using
additional 1
μF to 10μF capacitor can be used. The
RC filters (components R2, R3 and C2). Optionally, C3
floating ground reference (GND1) is derived from the
and C4 can be used to reduce charge dumping from
end of the shunt resistor, which is connected to the
the inputs. In this case, care should be taken when
negative input of the AMC1203 (VIN–). If a 4-terminal
choosing the quality of these capacitors
—mismatch in
shunt is used, the inputs of the AMC1203 are
values
of
these
capacitors
will
lead
to
a
connected to the inner leads, while GND1 is
common-mode error at the input of the modulator.
connected to one of the outer leads of the shunt.
Both digital outputs, MCLK and MDAT, can be
The high-side power supply for the AMC1203 (VDD1)
directly connected to a digital filter (that is, the
is derived from the power supply of the upper gate
AMC1210); see Figure 23.
driver. For lowest cost, a Zener diode can be used to
limit the voltage to 5V
±10%. A decoupling capacitor
Figure 30. Typical Application Diagram
Copyright
© 2008–2011, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com