Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 9Page - Texas Instruments AMC1203 Datasheet HTML 10Page - Texas Instruments AMC1203 Datasheet HTML 11Page - Texas Instruments AMC1203 Datasheet HTML 12Page - Texas Instruments AMC1203 Datasheet HTML 13Page - Texas Instruments AMC1203 Datasheet HTML 14Page - Texas Instruments AMC1203 Datasheet HTML 15Page - Texas Instruments AMC1203 Datasheet HTML 16Page - Texas Instruments AMC1203 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Filter
Module2
ControlModule
Signal
Generator
Interrupt
Unit
Register
Map
Interface
Module
ADS1205
ADS1205
AMC1210
M0
M1
INT
Resolver
ACK
IN1
CLK1
PWM1
PWM2
CLK
IN2
CLK2
IN4
CLK4
AD0
AD7
ALE
CS
RST
RD
WR
AMC1203
Current
Shunt
Resistor
Input
Control
SincFilter/
Integrator
Time
Measurement
Comparator
Filter
FilterModule1
IN3
CLK3
Current
Shunt
Resistor
AMC1203
Filter
Module3
Filter
Module4
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
GENERAL DESCRIPTION
The AMC1203 is a single-channel, 2nd-order, CMOS,
suitable application-specific device, such as the
delta-sigma modulator, designed for medium- to
AMC1210, a four-channel digital sinc-filter. Figure 23
high-resolution A/D conversions from dc to 39kHz
shows
two
AMC1203s
and
one
ADS1205
with an oversampling ratio (OSR) of 256. The isolated
(dual-channel, non-isolated modulator) connected to
output of the converter (MDAT) provides a stream of
an AMC1210, building the entire analog front-end of a
digital ones and zeros. The time average of this serial
resolver-based motor-control application. For detailed
output is proportional to the analog input voltage.
information on the ADS1205 and AMC1210, please
visit our home page at www.ti.com.
The modulator shifts the quantization noise to high
frequencies; therefore, a low-pass digital filter should
The
overall
performance
(speed
and
accuracy)
be used at the output of the device to increase the
depends on the selection of an appropriate OSR and
overall performance. This filter is also used to convert
filter type. A higher OSR results in higher accuracy
from the 1-bit data stream at a high sampling rate into
while operating at lower refresh rate. Alternatively, a
a higher-bit data word at a lower rate (decimation). A
lower OSR results in lower accuracy, but provides
digital signal processor (DSP), microcontroller (
μC) or
data at a higher refresh rate. This system allows
field programmable gate array (FPGA) can be used
flexibility with the digital filter design and is capable of
to implement the filter. Another option is using a
A/D conversion results that have a dynamic range
exceeding 95dB with OSR = 256.
Figure 23. Example of a Resolver-Based Motor-Control Application
Copyright
© 2008–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com