Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 12Page - Texas Instruments AMC1203 Datasheet HTML 13Page - Texas Instruments AMC1203 Datasheet HTML 14Page - Texas Instruments AMC1203 Datasheet HTML 15Page - Texas Instruments AMC1203 Datasheet HTML 16Page - Texas Instruments AMC1203 Datasheet HTML 17Page - Texas Instruments AMC1203 Datasheet HTML 18Page - Texas Instruments AMC1203 Datasheet HTML 19Page - Texas Instruments AMC1203 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SNR=1.76dB+6.02dB
ENOB
´
16
14
12
10
8
6
4
2
0
OSR
1
10
100
1000
sinc
3
sinc
sinc
2
sincfast
H(z)=
1
z
- -
OSR
1
z
- -
1
2
(1+z
)
-2OSR
10
9
8
7
6
5
4
3
2
1
0
SettlingTime( s)
m
1
2
3
4
5
6
7
8
9
0
10
sinc
2
sinc
sinc
3
sincfast
AMC1203
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
www.ti.com
The effective number of bits (ENOB) is often used to
compare the performance of ADCs and delta-sigma
modulators. Figure 28 shows the ENOB of the
AMC1203 with different oversampling ratios. In this
data sheet, this number is calculated from the SNR
using following formula:
(2)
In motor-control applications, a very fast response
time for the over-current detection is required. The
time for full settling of the filter depends on its order
(that is, a sinc3 filter requires three data clocks for full
settling (with fDATA = fMOD/OSR). Therefore, for
over-current protection, filter types other than sinc3
might be a better choice; an alternative is the sinc2
filter. Figure 29 compares the settling times of
Figure 28. Measured Effective Number of Bits vs
different filter orders (sincfast is a modified sinc2
Oversampling Ratio
filter):
(3)
For more information, see application note SBAA094,
Combining the ADS1202 with an FPGA Digital Filter
for
Current
Measurement
in
Motor
Control
Applications, available for download at www.ti.com.
Figure 29. Measured Effective Number of Bits vs
Settling Time
16
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com