Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 18Page - Texas Instruments AMC1203 Datasheet HTML 19Page - Texas Instruments AMC1203 Datasheet HTML 20Page - Texas Instruments AMC1203 Datasheet HTML 21Page - Texas Instruments AMC1203 Datasheet HTML 22Page - Texas Instruments AMC1203 Datasheet HTML 23Page - Texas Instruments AMC1203 Datasheet HTML 24Page - Texas Instruments AMC1203 Datasheet HTML 25Page - Texas Instruments AMC1203 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
AMC1203BDUBR
SOP
DUB
8
350
330.0
24.4
10.9
10.01
5.85
16.0
24.0
Q1
AMC1203BDWR
SOIC
DW
16
2000
330.0
16.4
10.75
10.7
2.7
12.0
16.0
Q1
AMC1203BPSAR
SOP
PSA
8
2000
330.0
16.4
8.3
5.7
2.3
12.0
16.0
Q1
AMC1203DUBR
SOP
DUB
8
350
330.0
24.4
10.9
10.01
5.85
16.0
24.0
Q1
AMC1203DWR
SOIC
DW
16
2000
330.0
16.4
10.75
10.7
2.7
12.0
16.0
Q1
AMC1203PSAR
SOP
PSA
8
2000
330.0
16.4
8.3
5.7
2.3
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Dec-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com