Electronic Components Datasheet Search
  English  ▼

X  

MAX767C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX767C/D
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX767C/D Datasheet HTML 1Page - Maxim Integrated Products MAX767C/D Datasheet HTML 2Page - Maxim Integrated Products MAX767C/D Datasheet HTML 3Page - Maxim Integrated Products MAX767C/D Datasheet HTML 4Page - Maxim Integrated Products MAX767C/D Datasheet HTML 5Page - Maxim Integrated Products MAX767C/D Datasheet HTML 6Page - Maxim Integrated Products MAX767C/D Datasheet HTML 7Page - Maxim Integrated Products MAX767C/D Datasheet HTML 8Page - Maxim Integrated Products MAX767C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX767 is a high-efficiency, synchronous buck
controller IC dedicated to converting a fixed 5V supply
into a tightly regulated 3.3V output. Two key features set
this device apart from similar, low-voltage step-down
switching regulators: high operating frequency and all
N-channel construction in the application circuit. The
300kHz operating frequency results in very small, low-
cost external surface-mount components.
The inductor, at 3.3µH for 5A, is physically at least five
times smaller than inductors found in competing solu-
tions. All N-channel construction and synchronous rectifi-
cation result in reduced cost and highest efficiency.
Efficiency exceeds 90% over a wide range of loading,
eliminating the need for heatsinking. Output capacitance
requirements are low, reducing board space and cost.
The MAX767 is a monolithic BiCMOS IC available in
20-pin SSOP packages. For other fixed output voltages
and package options, please consult the factory.
________________________Applications
Local 5V-to-3.3V DC-DC Conversion
Microprocessor Daughterboards
Power Supplies up to 10A or More
____________________________Features
o >90% Efficiency
o 700µA Quiescent Supply Current
o 120µA Standby Supply Current
o 4.5V-to-5.5V Input Range
o Low-Cost Application Circuit
o All N-Channel Switches
o Small External Components
o Tiny Shrink-Small-Outline Package (SSOP)
o Predesigned Applications:
Standard 5V to 3.3V DC-DC Converters up to 10A
High-Accuracy Pentium P54C VR-Spec Supply
o Fixed Output Voltages Available:
3.3V (Standard)
3.45V (High-Speed Pentium™)
3.6V (PowerPC™)
______________Ordering Information
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
FB
DH
LX
BST
GND
ON
SS
CS
TOP VIEW
MAX767
DL
VCC
VCC
PGND
REF
GND
GND
GND
N.C.
GND
VCC
SYNC
SSOP
__________________Pin Configuration
OUTPUT
3.3V
AT 5A
INPUT
4.5V TO 5.5V
LX
DL
GND
MAX767
VCC
REF
3.3
µH
BST
DH
PGND
CS
FB
ON
________Typical Application Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0224; Rev 2; 8/94
Evaluation
Kit
Manual
Follows
Data
Sheet
PART
TEMP. RANGE
PIN-
PACKAGE
MAX767CAP
0°C to +70°C
20 SSOP
MAX767RCAP
0°C to +70°C
20 SSOP
MAX767SCAP
0°C to +70°C
20 SSOP
™ Pentium is a trademark of Intel.
PowerPC is a trademark of IBM.
MAX767C/D
0°C to +70°C
Dice*
REF.
TOL.
±1.8%
±1.8%
±1.8%
–
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
VOUT
3.3V
3.45V
3.6V
–
MAX767TCAP
0°C to +70°C
20 SSOP
±1.2% 3.3V


Similar Part No. - MAX767C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761C/D MAXIM-MAX761C/D Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CPA MAXIM-MAX761CPA Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CSA MAXIM-MAX761CSA Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761EPA MAXIM-MAX761EPA Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
More results

Similar Description - MAX767C/D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Richtek Technology Corp...
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com