Electronic Components Datasheet Search
  English  ▼

X  

MAX767C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX767C/D
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX767C/D Datasheet HTML 1Page - Maxim Integrated Products MAX767C/D Datasheet HTML 2Page - Maxim Integrated Products MAX767C/D Datasheet HTML 3Page - Maxim Integrated Products MAX767C/D Datasheet HTML 4Page - Maxim Integrated Products MAX767C/D Datasheet HTML 5Page - Maxim Integrated Products MAX767C/D Datasheet HTML 6Page - Maxim Integrated Products MAX767C/D Datasheet HTML 7Page - Maxim Integrated Products MAX767C/D Datasheet HTML 8Page - Maxim Integrated Products MAX767C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
16
NAME
FUNCTION
1
CS
Current-sense input: +100mV = nominal current-limit level referred to FB.
2
SS
Soft-start input. Ramp time to full current limit is 1ms/nF of capacitance to GND.
3
ON
ON/O
—
F
—
F
–
control input to disable the PWM. Tie directly to VCC for automatic start-up.
PIN
DL
Gate-drive output for the low-side synchronous rectifier MOSFET
4–7, 11
GND
Low-current analog ground. Feedback reference point for the output.
8
REF
3.3V internal reference output. Bypass to GND with 0.22µF minimum capacitor.
9
SYNC
Oscillator control/synchronization input. Connect to VCC or GND for 200kHz; connect to REF for
300kHz. For external clock synchronization in the 240kHz to 350kHz range, a high-to-low transition
causes a new cycle to start.
10, 14, 15
VCC
Supply voltage input: 4.5V to 5.5V
17
BST
Boost capacitor connection (0.1µF)
12
N.C.
No internal connection
13
PGND
Power ground
18
LX
Inductor connection. Can swing 2V below GND without latchup.
19
DH
Gate-drive output for the high-side MOSFET
20
FB
Feedback and current-sense input for the PWM
OUTPUT
3.3V
LX
DL
GND
SS
MAX767
ON
VCC
REF
L1
BST
DH
D2
PGND
CS
FB
SHUTDOWN
ON/OFF
N1
N2
D1
SMALL-
SIGNAL
SCHOTTKY
C1
R1
C3
0.1
µF
C2
C6
0.22
µF
C5
(OPTIONAL)
SYNC
R2
10
Ω
INPUT
4.5V TO 5.5V
0.01
µF
C4
4.7
µF
Figure 1. Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com