Electronic Components Datasheet Search
  English  ▼

X  

MAX767C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX767C/D
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX767C/D Datasheet HTML 6Page - Maxim Integrated Products MAX767C/D Datasheet HTML 7Page - Maxim Integrated Products MAX767C/D Datasheet HTML 8Page - Maxim Integrated Products MAX767C/D Datasheet HTML 9Page - Maxim Integrated Products MAX767C/D Datasheet HTML 10Page - Maxim Integrated Products MAX767C/D Datasheet HTML 11Page - Maxim Integrated Products MAX767C/D Datasheet HTML 12Page - Maxim Integrated Products MAX767C/D Datasheet HTML 13Page - Maxim Integrated Products MAX767C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Gate-Driver Boost Supply
Gate-drive voltage for the high-side N-channel switch is
generated with the flying-capacitor boost circuit shown
in Figure 4. The capacitor (C3) is alternately charged
from the 5V input via the diode (D1) and placed in par-
allel with the high-side MOSFET’s gate-source termi-
nals. On start-up, the synchronous rectifier (low-side)
MOSFET (N2) forces LX to 0V and charges the BST
capacitor to 5V. On the second half-cycle, the PWM
turns on the high-side MOSFET (N1); it does this by
closing an internal switch between BST and DH, which
connects the capacitor to the MOSFET gate. This pro-
vides the necessary enhancement voltage to turn on
the high-side switch, an action that “boosts” the 5V
gate-drive signal above the input voltage.
Ringing seen at the high-side MOSFET gates (DH) in
discontinuous-conduction mode (light loads) is a natur-
al operating condition. It is caused by the residual
energy in the tank circuit, formed by the inductor and
stray capacitance at the LX node. The gate-driver neg-
ative rail is referred to LX, so any ringing there is direct-
ly coupled to the gate-drive supply.
Modes of Operation
PWM Mode
Under heavy loads—over approximately 25% of full
load—the supply operates as a continuous-current
PWM supply (see
Typical Operating Characteristics).
The duty cycle, %ON, is approximately:
VOUT
%ON = ________
VIN
Current flows continuously in the inductor: first, it ramps
up when the power MOSFET conducts; second, it
ramps down during the flyback portion of each cycle as
energy is put into the inductor and then discharged into
the load. Note that the current flowing into the inductor
when it is being charged is also flowing into the load,
so the load is continuously receiving current from the
inductor. This minimizes output ripple and maximizes
inductor use, allowing very small physical and electrical
sizes. Output ripple is primarily a function of the filter
capacitor’s effective series resistance (ESR), and is
typically under 50mV (see
Design Procedure section).
Idle-Mode
Under light loads (<25% of full load), the MAX767
enhances efficiency by turning the drive voltage on and
off for only a single clock period, skipping most of the
clock pulses entirely. Asynchronous switching, seen as
“ghosting” on an oscilloscope, is thus a normal operat-
ing condition whenever the load current is less than
approximately 25% of full load.
At certain input voltage and load conditions, a transition
region exists where the controller can pass back and
forth from idle-mode to PWM mode. In this situation,
short pulse bursts occur, which make the current wave-
form look erratic but do not materially affect the output
ripple. Efficiency remains high.
Current Limiting
The voltage between CS and FB is continuously moni-
tored. An external, low-value shunt resistor is connect-
ed between these pins, in series with the inductor,
allowing the inductor current to be continuously mea-
sured throughout the switching cycle. Whenever this
voltage exceeds 100mV, the drive voltage to the exter-
nal high-side MOSFET is cut off. This protects the MOS-
FET, the load, and the input supply in case of short cir-
cuits or temporary load surges. The current-limiting
resistance is typically 20m
Ω for 3A.
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
10
______________________________________________________________________________________
LEVEL
TRANSLATOR
PWM
C1
VIN
BST
DH
LX
DL
N1
D1
C3
N2
L1
VCC
VCC
MAX767
Figure 4. Boost Supply for High-Side Gate Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com