Electronic Components Datasheet Search
  English  ▼

X  

MAX767C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX767C/D
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX767C/D Datasheet HTML 7Page - Maxim Integrated Products MAX767C/D Datasheet HTML 8Page - Maxim Integrated Products MAX767C/D Datasheet HTML 9Page - Maxim Integrated Products MAX767C/D Datasheet HTML 10Page - Maxim Integrated Products MAX767C/D Datasheet HTML 11Page - Maxim Integrated Products MAX767C/D Datasheet HTML 12Page - Maxim Integrated Products MAX767C/D Datasheet HTML 13Page - Maxim Integrated Products MAX767C/D Datasheet HTML 14Page - Maxim Integrated Products MAX767C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Oscillator Frequency
The SYNC input controls the oscillator frequency.
Connecting SYNC to GND or to VCC selects 200kHz
operation; connecting it to REF selects 300kHz opera-
tion. SYNC can also be driven with an external 240kHz
to 350kHz CMOS/TTL source to synchronize the inter-
nal oscillator. Normally, 300kHz operation is chosen to
minimize the inductor and output filter capacitor sizes,
but 200kHz operation may be chosen for a small (about
1%) increase in efficiency at heavy loads.
Internal Reference
The internal 3.3V bandgap reference (REF) remains
active, even when the switching regulator is turned off.
It can furnish up to 5mA, and can be used to supply
memory keep-alive power or for other purposes.
Bypass REF to GND with 0.22µF, plus 1µF/mA of load
current.
Applications Information and
__________________Design Procedure
Most users will be able to work with one of the standard
application circuits; others may want to implement a
circuit with an output current rating that lies between or
beyond the standard values.
If you want an output current level that lies between two
of the standard application circuits, you can interpolate
many of the component values from the values given
for the two circuits. These components include the
input and output filter capacitors, the inductor, and the
sense resistor. The capacitors must meet ESR and rip-
ple current requirements (see
Input Filter Capacitor and
Output Filter Capacitor sections). The inductor must
meet the required current rating (see
Inductor section).
You may use the rectifier and MOSFETs specified for
the circuit with the greater output current capability, or
choose a new rectifier and MOSFETs according to the
requirements detailed in the
Rectifier and MOSFET
Switches sections. For more complete information, or
for output currents in excess of 10A, refer to the design
information in the following sections.
Inductor, L1
Three inductor parameters are required: the inductance
value (L), the peak inductor current (ILPEAK), and the
coil resistance (RL). The inductance is:
1.32
L1 = ______________
f x IOUT x LIR
where:
f = switching frequency, normally 300kHz
IOUT = maximum 3.3V DC load current (A)
LIR = ratio of inductor peak-to-peak AC
current to average DC load current,
typically 0.3.
A higher LIR value allows smaller inductance, but
results in higher losses and ripple.
The highest peak inductor current (ILPEAK) equals the
DC load current (IOUT) plus half the peak-to-peak AC
inductor current (ILPP). The peak-to-peak AC inductor
current is typically chosen as 30% of the maximum DC
load current, so the peak inductor current is 1.15 x IOUT.
The peak inductor current at any load is given by:
1.32
ILPEAK = IOUT + __________
2 x f x L1
The coil resistance should be as low as possible,
preferably in the low milliohms. The coil is effectively in
series with the load at all times, so the wire losses alone
are approximately:
Power Loss = IOUT2 x RL
In general, select a standard inductor that meets the L,
ILPEAK, and RL requirements. If a standard inductor is
unavailable, choose a core with an LI2 parameter
greater than L x ILPEAK2, and use the largest wire that
will fit the core.
Current-Sense Resistor, R1
The current-sense resistor must carry the peak current
in the inductor, which exceeds the full DC load current.
The internal current limiting starts when the voltage
across the sense resistors exceeds 100mV nominally,
80mV minimum. Use the minimum value to ensure ade-
quate output current capability: R1 = 80mV / ILPEAK.
The low VIN/VOUT ratio creates a potential problem with
start-up under full load or with load transients from no-
load to full load. If the supply is subjected to these con-
ditions, reduce the sense resistor:
70mV
R1 = ———
ILPEAK
Since the sense-resistance values are similar to a few
centimeters of narrow traces on a printed circuit board,
trace resistance can contribute significant errors. To
prevent this, Kelvin connect the CS and FB pins to the
sense resistors; i.e., use separate traces not carrying
any of the inductor or load current, as shown in Figure 2.
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
______________________________________________________________________________________
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com