Electronic Components Datasheet Search
  English  ▼

X  

MAX767C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX767C/D
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX767C/D Datasheet HTML 10Page - Maxim Integrated Products MAX767C/D Datasheet HTML 11Page - Maxim Integrated Products MAX767C/D Datasheet HTML 12Page - Maxim Integrated Products MAX767C/D Datasheet HTML 13Page - Maxim Integrated Products MAX767C/D Datasheet HTML 14Page - Maxim Integrated Products MAX767C/D Datasheet HTML 15Page - Maxim Integrated Products MAX767C/D Datasheet HTML 16Page - Maxim Integrated Products MAX767C/D Datasheet HTML 17Page - Maxim Integrated Products MAX767C/D Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Proper circuit operation requires that the short-circuit
current be at least ILOAD x (1 + LIR / 2). However, the
standard application circuits are designed for a short-
circuit current slightly in excess of this amount. This
excess design current guarantees proper start-up
under constant full-load conditions and proper full-load
transient response, and is particularly necessary with
low input voltages. If the circuit will not be subjected to
full-load transients or to loads approaching the full-load
at start-up, you can decrease the short-circuit current
by increasing R1, as described in the
Current-Sense
Resistor section. This may allow use of MOSFETs with a
lower current-handling capability.
Heavy-Load Efficiency
Losses due to parasitic resistances in the switches,
coil, and sense resistor dominate at high load-current
levels. Under heavy loads, the MAX767 operates deep
in the continuous-conduction mode, where there is a
large DC offset to the inductor current (plus a small
sawtooth AC component) (see
Inductor section). This
DC current is exactly equal to the load current, a fact
which makes it easy to estimate resistive losses via the
simplifying assumption that the total inductor current is
equal to this DC offset current. The major loss mecha-
nisms under heavy loads, in usual order of importance,
are:
♦ I2R losses
♦ gate-charge losses
♦ diode-conduction losses
♦ transition losses
♦ capacitor-ESR losses
♦ losses due to the operating supply current of the IC.
Inductor-core losses, which are fairly low at heavy
loads because the AC component of the inductor cur-
rent is small, are not accounted for in this analysis.
POUT
Efficiency = ______ x 100% =
PIN
POUT
_______________ x 100%
POUT + PDTOTAL
PDTOTAL = PD(I2R) + PDGATE + PDDIODE +
PDTRAN + PDCAP + PDIC
I2R Losses
PD(I2R) = resistive loss = (ILOAD2) x
(RCOIL + rDS(ON) + R1)
where RCOIL is the DC resistance of the coil and
rDS(ON) is the drain-source on resistance of the MOS-
FET. Note that the rDS(ON) term assumes that identical
MOSFETs are employed for both the synchronous recti-
fier and high-side switch, because they time-share the
inductor current. If the MOSFETs are not identical, esti-
mate losses by averaging the two individual rDS(ON)
terms according to their duty factors: 0.66 for N1 and
0.34 for N2.
Gate-Charge Losses
PDGATE = gate driver loss = qG x f x 5V
where qG is the sum of the gate charge for low- and
high-side switches. Note that gate-charge losses are
dissipated in the IC, not the MOSFETs, and therefore
contribute to package temperature rise. For a pair of
matched MOSFETs, qG is simply twice the gate capaci-
tance of a single MOSFET (a data sheet specification).
Diode Conduction Losses
PDDIODE = diode conduction losses =
ILOAD x VD x tD x f
where VD is the forward voltage of the Schottky diode
at the output current, tD is the diode’s conduction time
(typically 110ns), and f is the switching frequency.
Transition Losses
PDTRAN = transition loss =
VIN2 x CRSS x ILOAD x f
______________________
IDRIVE
where CRSS is the reverse transfer capacitance of the
high-side MOSFET (a data sheet parameter), f is the
switching frequency, and IDRIVE is the peak current
available from the high-side gate driver output (approx-
imately 1A).
Additional switching losses are introduced by other
sources of stray capacitance at the switching node,
including the catch-diode capacitance, coil interwind-
ing capacitance, and low-side switch drain capaci-
tance, and are given as PDSW = VIN2 x CSTRAY x f, but
these are usually negligible compared to CRSS losses.
The low-side switch introduces only tiny switching loss-
es, since its drain-source voltage is already low when it
turns on.
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
14
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com