Electronic Components Datasheet Search
  English  ▼

X  

DB829 Datasheet(PDF) 26 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 26 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits DB829 Datasheet HTML 23Page - CML Microcircuits DB829 Datasheet HTML 24Page - CML Microcircuits DB829 Datasheet HTML 25Page - CML Microcircuits DB829 Datasheet HTML 26Page - CML Microcircuits DB829 Datasheet HTML 27Page - CML Microcircuits DB829 Datasheet HTML 28Page - CML Microcircuits DB829 Datasheet HTML 29Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Baseband Signal Processor
26
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
SNR (dB) [Noise Bandwidth = Bit Rate]
0
10
-5
10
-4
2
4
6
8
2
4
6
8
2
4
6
8
10
-3
10
-2
2x10
-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IDEAL COHERENT MSK
MX829
Figure 15: Bit Error Rate Graph
150
200
300
500
700
800
INPUT SIGNAL LEVEL (mV
)
RMS
250
100
50
1x10
-5
1x10
-4
1x10
-3
1x10
-2
1x10
-1
10dB
SNR
*
12dB
SN
R
*
* BIT RATE BANDWIDTH
Figure 16: Typical Variation of Bit Error Rate with Input Signal Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com