Electronic Components Datasheet Search
  English  ▼

X  

DB829 Datasheet(PDF) 14 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits DB829 Datasheet HTML 16Page - CML Microcircuits DB829 Datasheet HTML 17Page - CML Microcircuits DB829 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Baseband Signal Processor
14
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2.8 RX SYNC WORD Register (Hex $44)
This is a two byte register that defines the 16-bit programmable synchronization word. This word is compared with the
incoming Rx data and, if a match is found, it is indicated in the STATUS register and an interrupt is generated. Bit 15, the
MSB of the first byte, is loaded first.
8-bit Read Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$41
STATUS
0
RXSUMF
TXIDLEF RXDATAF TXDATAF
RX SYNC
WORDF
SYNTF
SYNCF
$42
RXDATA
<----------------------------------------------- RXDATA ----------------------------------------------->
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
5.3 Read Only Register Description
5.3.1 STATUS Register (Hex address $41)
This register is used to indicate the status of the device as described below:
Note: After reading the contents of the Status Register, all bits in the Status Register are reset to a zero state and the
IRQ, externally generated by the MX829, is cleared.
Bit 7
Not used, always set to zero.
RXSUMF
(Bit 6)
When this bit is "1", the Rx checksum is correct.
When this bit is "0", the Rx checksum is incorrect.
This bit is updated and latched in, after reception of every eight bits (see section 5.2.3).
TXIDLEF
(Bit 5)
When all the Tx data and any checksum and one "hang-bit" have been transmitted, this bit will be set to "1"
to indicate that the transmitter is idle. This bit is reset to "0" immediately after reading the STATUS register.
When this bit is set to "1", an interrupt may be generated depending on the state of the TXIDLEM bit in the
CONTROL 3 / IRQ ENABLE register.
RXDATAF
(Bit 4)
When a full byte of data is received and is available in the RXDATA register, this bit will be set to "1". This bit
is reset to "0" immediately after reading the STATUS register. When this bit is set to "1" an interrupt may be
generated depending on the state of the RXDATAM bit in the CONTROL 3 / IRQ ENABLE register.
TXDATAF
(Bit 3)
When the Tx data buffer is empty this bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this bit is set to "1", an interrupt
may be generated depending on the state of the TXDATAM bit in the CONTROL 3 / IRQ ENABLE register.
RX SYNC
WORDF
(Bit 2)
This bit is only defined when RX SYNC WORD PRIME is enabled.
When the data sequence specified in the RX SYNC WORD register has been successfully matched to the
Rx incoming data, this bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this bit is set to "1", an interrupt
will be generated, the checksum generator and byte counter will be reset and SYNC PRIME, SYNT PRIME
and RX SYNC WORD PRIME will be reset.
SYNTF
(Bit 1)
This bit is only defined when SYNT PRIME is enabled.
When the data sequence specified by SYNT has been successfully matched to the Rx incoming data, this bit
will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this bit is set to "1", an interrupt
will be generated, the checksum generator and byte counter will be reset and SYNC PRIME, SYNT PRIME
and RX SYNC WORD PRIME will be reset.
SYNCF
(Bit 0)
This bit is only defined when SYNC PRIME is enabled.
When the data sequence specified by SYNC has been successfully matched to the Rx incoming data, this
bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this bit is set to "1", an interrupt
will be generated, the checksum generator and byte counter will be reset and SYNC PRIME, SYNT PRIME
and RX SYNC WORD PRIME will be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com