Electronic Components Datasheet Search
  English  ▼

X  

DB829 Datasheet(PDF) 15 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits DB829 Datasheet HTML 16Page - CML Microcircuits DB829 Datasheet HTML 17Page - CML Microcircuits DB829 Datasheet HTML 18Page - CML Microcircuits DB829 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Baseband Signal Processor
15
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.3.2 RXDATA Register (Hex address $42)
This register contains the last byte of data received. It is updated every 8 bits at the same time as the RXSUMF bit in the
STATUS register is updated.
The RXDATA register is double buffered, thus giving the user up to 8 bit periods to read the data before it is overwritten by
the next byte.
5.4 MSK Checksum Generation and Checking
5.4.1 Generation
The checksum generator takes the m x 8 bits from the m bytes of information, sequentially loaded into the TXDATA
register and divides them modulo-2, by the generating polynomial:
X15 + X14 + X13 + X11 + X4 + X2 + 1
It then takes the 15-bit remainder from the polynomial divider, inverts the last bit and appends an EVEN parity bit
generated from the initial m x 8 bits and the 15-bit remainder (with the last bit inverted).
This 16-bit word is used as the "CHECKSUM". See Figure 5.
(m = the number of bytes in the information to be sent)
m x 8 bits
÷ polynomial
15-bit remainder
invert last bit
m x 8 bits
15-bit
remainder
P
EVEN parity on
whole Tx frame
"CHECKSUM"
Figure 5: Checksum Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com