Electronic Components Datasheet Search
  English  ▼

X  

DB829 Datasheet(PDF) 10 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 6Page - CML Microcircuits DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Baseband Signal Processor
10
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
DTMFEN
(Bit 6)
When this bit is "1", the DTMF output is enabled.
When this bit is "0", the DTMF output is disabled. As the powersave of the DTMF is performed in the
DTMFHI and DTMFLO registers, this bit allows a fast start up time for the tones.
Note:
The DTMF Encoder and MSK Tx cannot both be enabled at the same time. If both DTMFEN and MSKTX are "1",
then both will be disabled.
DTMFHI
(Bit 5)
When this bit is "1", the DTMF high frequency tone generator is enabled. It will not appear on the
output pin unless or until the DTMFEN is "1".
When this bit is "0", the DTMF high frequency tone generator is disabled (i.e. powersaved).
DTMFLO
(Bit 4)
When this bit is "1", the DTMF low frequency tone generator is enabled. It will not appear on the
output pin unless or until the DTMFEN is "1".
When this bit is "0", the DTMF low frequency tone generator is disabled (i.e. powersaved).
DTMF3, DTMF2,
DTMF1, DTMF0
(Bit 3, Bit 2,
Bit 1, Bit 0)
These four bits define the DTMF tones according to the table below:
Bit 3
Bit 2
Bit 1
Bit 0
DTMF Tones
DTMF 'Digit'
0000
1209Hz + 697Hz
1
0001
1209Hz + 770Hz
4
0010
1209Hz + 852Hz
7
0011
1209Hz + 941Hz
*
0100
1337Hz + 697Hz
2
0101
1337Hz + 770Hz
5
0110
1337Hz + 852Hz
8
0111
1337Hz + 941Hz
0
1000
1478Hz + 697Hz
3
1001
1478Hz + 770Hz
6
1010
1478Hz + 852Hz
9
1011
1478Hz + 941Hz
#
1100
1634Hz + 697Hz
A
1101
1634Hz + 770Hz
B
1110
1634Hz + 852Hz
C
1111
1634Hz + 941Hz
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com