Electronic Components Datasheet Search
  English  ▼

X  

DB829 Datasheet(PDF) 5 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 5 Page - CML Microcircuits

  DB829 Datasheet HTML 1Page - CML Microcircuits DB829 Datasheet HTML 2Page - CML Microcircuits DB829 Datasheet HTML 3Page - CML Microcircuits DB829 Datasheet HTML 4Page - CML Microcircuits DB829 Datasheet HTML 5Page - CML Microcircuits DB829 Datasheet HTML 6Page - CML Microcircuits DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Baseband Signal Processor
5
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
3. External Components
MOD1 IN
SUM OUT
V
DD
V
DD
V
SS
V
BIAS
MOD1
AUDIO OUT
MOD2
SERIAL CLOCK
"C-BUS"
INTERFACE
COMMAND DATA
XTAL/CLOCK
MIC
DEMOD IN
R4
R2
R3
R5
R6
R7
Input from
Demodulator
MX829
VOL IN
C4
Mic
Input
C5
C3
C6
C8
C9
C7
REPLY DATA
CARRIER DETECT
CD CAP
DEMOD FB
FILTER OUT
SUM IN
MSK/DTMF OUT
1
2
3
4
5
6
8
9
10
11
12
13
14
7
24
23
22
21
20
19
18
17
16
15
XTAL/CLOCK
C1
C2
X1
R1
XTAL
XTAL
CS
IRQ
V
DD
Figure 2: Recommended External Components
C1
22pF
±20%
R1
1M
Ω
±5%
C2
22pF
±20%
R2
Note 1
±10%
C3
68pF
±20%
R3
Note 1
±10%
C4
0.1µF
±20%
R4
100k
Ω
±10%
C5
0.1µF
±10%
R5
100k
Ω
±10%
C6
100pF
±20%
R6
Note 2
±10%
C7
0.1µF
±20%
R7
22k
Ω
±10%
C8
Note 2
±20%
C9
5.6nF
±20%
X1
Note 3
4.032MHz
±100ppm
External Component Notes:
1. R2, R3, R4 and C3 form the gain components for the Summing Amplifier (AMP2).
R2 and R3 should be chosen as required from the system specification, using the following formula:
Audio Gain = -
R4
R3
DTMF Gain = -
R4
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com