Electronic Components Datasheet Search
  English  ▼

X  

DRV421 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421
Description  DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV421 Datasheet HTML 5Page - Texas Instruments DRV421 Datasheet HTML 6Page - Texas Instruments DRV421 Datasheet HTML 7Page - Texas Instruments DRV421 Datasheet HTML 8Page - Texas Instruments DRV421 Datasheet HTML 9Page - Texas Instruments DRV421 Datasheet HTML 10Page - Texas Instruments DRV421 Datasheet HTML 11Page - Texas Instruments DRV421 Datasheet HTML 12Page - Texas Instruments DRV421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-75
-50
-25
0
25
50
75
D017
Device 1
Device 2
Device 3
Supply Voltage (V)
3
3.5
4
4.5
5
5.5
-75
-50
-25
0
25
50
75
D018
Output Offset (2V)
0
10
20
30
40
50
60
70
D015
Output Offset (2V)
0
10
20
30
40
50
60
70
D016
D015
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-5
-4
-3
-2
-1
0
D013
VDD = 5 V
VDD = 3.3 V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
D014
VDD = 5 V
VDD = 3.3 V
DRV421
www.ti.com
SBOS704A – MAY 2015 – REVISED JULY 2015
Typical Characteristics (continued)
at VDD = 5 V and TA = +25°C (unless otherwise noted)
RLOAD = 20 Ω
RLOAD = 20 Ω
Figure 13. Negative Voltage Swing at ICOMPx Pins vs
Figure 14. Positive Voltage Swing at ICOMPx Pins vs
Temperature
Temperature
VDD = 5 V
VDD = 3.3 V
Figure 15. Shunt Sense Amplifier Offset Histogram
Figure 16. Shunt Sense Amplifier Offset Histogram
Figure 17. Shunt Sense Amplifier Offset vs Temperature
Figure 18. Shunt Sense Amplifier Offset vs Supply Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com