Electronic Components Datasheet Search
  English  ▼

X  

DRV421 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421
Description  DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV421 Datasheet HTML 17Page - Texas Instruments DRV421 Datasheet HTML 18Page - Texas Instruments DRV421 Datasheet HTML 19Page - Texas Instruments DRV421 Datasheet HTML 20Page - Texas Instruments DRV421 Datasheet HTML 21Page - Texas Instruments DRV421 Datasheet HTML 22Page - Texas Instruments DRV421 Datasheet HTML 23Page - Texas Instruments DRV421 Datasheet HTML 24Page - Texas Instruments DRV421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
VOUT
REFOUT
Internal
Voltage
Reference
R6
600

REFIN
Current Sense Module
VDD
GND
External
Voltage
Reference
Shunt Sense
Amplifier
VOUT
REFIN
+
_
DRV421
R5
(Dummy Shunt)
GND
VDD
AINN
RSHUNT
AINP
ICOMP2
Compensation
Coil
ICOMP1
REFOUT
EXT
REFOUT
V
V
I
600

DRV421
www.ti.com
SBOS704A – MAY 2015 – REVISED JULY 2015
7.3.6 Voltage Reference
The internal precision voltage reference circuit offers low drift performance at the REFOUT output pin and is
used for internal biasing. The reference output is intended to be the common-mode voltage of the output (VOUT
pin) to provide a bipolar signal swing. This low-impedance output tolerates sink and source currents of ±5 mA.
However, fast load transients can generate ringing on this line. A small series resistor of a few ohms improves
the response, particularly for capacitive loads equal to or greater than 1
μF.
Adjust the value of the voltage reference output to the power supply of the DRV421 using mode selection pins
RSEL0 and RSEL1, as shown in Table 2.
Table 2. Reference Output Voltage Selection
MODE
RSEL1
RSEL0
DESCRIPTION
VREFOUT = 2.5 V
0
0
Use with sensor module supply of 5 V
VREFOUT = 1.65 V
0
1
Use with sensor module supply of 3.3 V
Ratiometric output
1
x
Provides output centered on VDD / 2
In ratiometric output mode, an internal resistor divider divides the power supply voltage by a factor of two.
For current sensor modules with a reference input pin, the DRV421 also allows overwriting the internal reference
with an external reference voltage, VEXT, as shown in Figure 58. If there is a significant difference between the
external and the internal voltage, resistor R5 limits the current flow from the internal reference. In this case, the
internal reference sources current IREFOUT shown in Equation 5:
(5)
Figure 58. DRV421 with External Reference
The example of 600
Ω for R6 was chosen for illustration purposes; different values are possible. If no external
reference is connected, R6 has little impact on the common-mode rejection of the shunt sense amplifier;
therefore, use a resistor value that is as small as possible.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DRV421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com