Electronic Components Datasheet Search
  English  ▼

X  

DRV421 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421
Description  DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV421 Datasheet HTML 15Page - Texas Instruments DRV421 Datasheet HTML 16Page - Texas Instruments DRV421 Datasheet HTML 17Page - Texas Instruments DRV421 Datasheet HTML 18Page - Texas Instruments DRV421 Datasheet HTML 19Page - Texas Instruments DRV421 Datasheet HTML 20Page - Texas Instruments DRV421 Datasheet HTML 21Page - Texas Instruments DRV421 Datasheet HTML 22Page - Texas Instruments DRV421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
4
5
2
1
SHUNT
3
R + R
R
4 =
=
R
R
+ R
Shunt Sense
Amplifier
VOUT
REFIN
AINN
RSHUNT
AINP
ICOMP2
Compensation
Coil
R1
10 k

R2
40 k

R3
10 k

R4
40 k

+
_
REFIN (compensated)
DRV421
RF
500

CF
optional
ADC
R5
(Dummy Shunt)
10 nF
ICOMP1
DRV421
www.ti.com
SBOS704A – MAY 2015 – REVISED JULY 2015
7.3.3 H-Bridge Driver for Compensation Coil
The H-bridge compensation coil driver provides the current for the compensation coil at pins ICOMP1 and
ICOMP2. A fully-differential driver stage maximizes the driving voltage that is needed to overcome the wire
resistance and inductance of the coil with a single 3.3-V or 5-V supply. The low impedance of the H-bridge driver
outputs over a wide frequency range provides a smooth transition between the compensation frequency range of
the integrator-filter stage and the high-frequency range of the primary current that directly couples into the
compensation coil according to the winding ratio (transformer effect).
The common-mode voltage of the H-bridge driver outputs is set by the RSEL pins (see the Voltage Reference
section). Thus, the common-mode voltage of the shunt sense amplifier is matched if the internal reference is
used.
The two compensation driver outputs are protected and accept inductive energy. However, for high-current
sensors, add external protection diodes (see the Protection Recommendations section).
Consider the polarity of the compensation coil connection to the output of the H-bridge driver. If the polarity is
incorrect, the H-bridge output drives to the power supply rails, even at low primary-current levels. In this case,
interchange the connection of pins ICOMP1 and ICOMP2 to the compensation coil.
7.3.4 Shunt Sense Amplifier
The compensation coil current creates a voltage drop across the external shunt resistor, RSHUNT. The internal
differential amplifier senses this voltage drop. This differential amplifier offers wide bandwidth and a high slew
rate for fast current sensors. Excellent dc stability and accuracy result from an autozero technique. The voltage
gain is 4 V/V, set by precisely-matched and thermally-stable internal resistors.
Both AINN and AINP differential amplifier inputs are connected to the shunt resistor. This resistor, in series with
the internal 10-k
Ω resistor, affects the overall gain and causes an additional gain error; this gain error is often
negligible. However, if a common-mode rejection of 70 dB is desired, the match of both divider ratios must be
higher than 1/3000. Therefore, for best common-mode rejection performance, place a dummy shunt resistor (R5)
with a value higher than the shunt resistor in series with the REFIN pin to restore matching of both resistor
dividers, as shown in Figure 57.
Figure 57. Internal Difference Amplifier with Example of a Decoupling Filter
For an overall gain of 4 V/V, calculate the value of R5 using Equation 3:
where:
•
R2 / R1 = R4 / R3 = 4
•
R5 = RSHUNT × 4
(3)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: DRV421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com