Electronic Components Datasheet Search
  English  ▼

X  

DRV421 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421
Description  DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV421 Datasheet HTML 9Page - Texas Instruments DRV421 Datasheet HTML 10Page - Texas Instruments DRV421 Datasheet HTML 11Page - Texas Instruments DRV421 Datasheet HTML 12Page - Texas Instruments DRV421 Datasheet HTML 13Page - Texas Instruments DRV421 Datasheet HTML 14Page - Texas Instruments DRV421 Datasheet HTML 15Page - Texas Instruments DRV421 Datasheet HTML 16Page - Texas Instruments DRV421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Time (ms)
-0.1
-0.075 -0.05 -0.025
0
0.025
0.05
0.075
0.1
-5
-4
-3
-2
-1
0
1
2
3
4
5
D037
VIN
VOUT
Noise Frequency (Hz)
10
100
1000
10000
100000
10
100
1000
10000
D038
Time (2s)
-0.5
0
0.5
1
1.5
2
2.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D051
VOUT
VIN
Time (ms)
-0.1
-0.075 -0.05 -0.025
0
0.025
0.05
0.075
0.1
-5
-4
-3
-2
-1
0
1
2
3
4
5
D036
VIN
VOUT
Time (2s)
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D049
VOUT
VIN
Time (2s)
-0.5
0
0.5
1
1.5
2
2.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D050
VOUT
VIN
DRV421
www.ti.com
SBOS704A – MAY 2015 – REVISED JULY 2015
Typical Characteristics (continued)
at VDD = 5 V and TA = +25°C (unless otherwise noted)
Falling Edge
Rising Edge
Figure 37. Shunt Sense Amplifier Small-Signal Settling Time
Figure 38. Shunt Sense Amplifier Large-Signal Settling Time
Falling Edge
VDD = 5 V
Figure 39. Shunt Sense Amplifier Large-Signal Settling Time
Figure 40. Shunt Sense Amplifier Overload Recovery
Response
VDD = 3.3 V
Figure 41. Shunt Sense Amplifier Overload Recovery
Figure 42. Shunt Sense Amplifier Output Voltage Noise
Response
Density vs Noise Frequency
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com