Electronic Components Datasheet Search
  English  ▼

X  

MX7575JCWN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MX7575JCWN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575JCWN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX7575JCWN Datasheet HTML 4Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 5Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 6Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 7Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 8Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 9Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 10Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 11Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
The decoupling capacitors are necessary to provide a
low AC source impedance.
Internal/External Clock
The MX7575/MX7576 can be run with either an exter-
nally applied clock or their internal clock. In either case,
the signal appearing at the clock pin is internally divid-
ed by two to provide an internal clock signal that is rela-
tively insensitive to the input clock duty cycle.
Therefore, a single conversion takes 20 input clock
cycles, which corresponds to 10 internal clock cycles.
Internal Clock
The internal oscillator frequency is set by an external
capacitor, CCLK, and an external resistor, RCLK, which
are connected as shown in Figure 16a. During a con-
version, a sawtooth waveform is generated on the CLK
pin by charging CCLK through RCLK and discharging it
through an internal switch. At the end of a conversion,
the internal oscillator is shut down by clamping the CLK
pin to VDD through an internal switch. The circuit for the
internal oscillator can easily be overdriven with an
external clock source.
The internal oscillator provides a convenient clock
source for the MX7575. Figure 17 shows typical conver-
sion times versus temperature for the recommended
RCLK and CCLK combination. Due to process varia-
tions, the oscillation frequency for this RCLK/CCLK com-
bination may vary by as much as ±50% from the
nominal value shown in Figure 17. Therefore, an exter-
nal clock should be used in the following situations:
1) Applications that require the conversion time to be
within 50% of the minimum conversion time for the
specified accuracy (5µs MX7575/10µs MX7576).
2) Applications in which time-related software con-
straints cannot accommodate conversion-time differ-
ences that may occur from unit to unit or over
temperature for a given device.
External Clock
The CLK input of the MX7575/MX7576 may be driven
directly by a 74HC or 4000B series buffer (e g., 4049),
or by an LS TTL output with a 5.6k
Ω pull-up resistor. At
the end of a conversion, the device ignores the clock
input and disables its internal clock signal. Therefore,
the external clock may continue to run between conver-
sions without being disabled. The duty cycle of the
external clock may vary from 30% to 70%. As dis-
cussed previously, in order to maintain accuracy, clock
rates significantly lower than the data sheet limits
(4MHz for MX7575 and 2MHz for MX7576) should not
be used.
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
_______________________________________________________________________________________
9
54
52
50
46
44
42
100
1k
100k
48
40
INPUT FREQUENCY (Hz)
10k
TA = +25°C
0
0.5
1.0
2.0
2.5
10
100
10000
1.5
CONVERSION TIME (
µs)
1000
A
B
C
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
1.23V
0.1
µF
47
µF
+5V
REF
3.3k
+
_
+
ICL8069
Figure 13. MX7575 SNR vs. Input Frequency
Figure 14. MX7575 Accuracy vs. Conversion Time
Figure 15. External Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com