Electronic Components Datasheet Search
  English  ▼

X  

MX7575JCWN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MX7575JCWN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575JCWN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MX7575JCWN Datasheet HTML 3Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 4Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 5Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 6Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 7Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 8Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 9Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 10Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
the µP, in that data can be accessed independently of
the clock. The output latches are normally updated on
the rising edge of
BUSY. But if CS and RD are low
when
BUSY goes high, the data latches are not updat-
ed until one of these inputs returns high. Additionally,
the MX7576 stops converting and
BUSY stays high until
RD or CS goes high. This mode of operation allows a
simple interface to the µP.
Processor Interface for Signal Acquisition (MX7575)
In many applications, it is necessary to sample the
input signal at exactly equal intervals to minimize errors
due to sampling uncertainty or jitter. In order to achieve
this objective with the previously discussed interfaces,
the user must match software delays or count the num-
ber of elapsed clock cycles. This becomes difficult in
interrupt-driven systems where the uncertainty in inter-
rupt servicing delays is another complicating factor.
The solution is to use a real-time clock to control the
start of a conversion. This should be synchronous with
the CLK input to the ADC (both should be derived from
the same source), because the sampling instants occur
three clock cycles after
CS and RD go low. Therefore,
the sampling instants occur at exactly equal intervals if
the conversions are started at equal intervals. In this
scheme, the output data is fed into a FIFO latch, which
allows the µP to access data at its own rate. This guar-
antees that data is not read from the ADC in the middle
of a conversion. If data is read from the ADC during a
conversion, the conversion in progress may be dis-
turbed, but the accessed data that belonged to the pre-
vious conversion will be correct.
The track/hold starts holding the input on the third
falling edge of the clock after
CS and RD go low. If CS
and
RD go low within 20ns of a falling clock edge, the
ADC may or may not consider this falling edge as the
first of the three edges that determine the sampling
instant. Therefore, the
CS and RD should not be
allowed to go low within this period when sampling
accuracy is required.
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
_______________________________________________________________________________________
7
Figure 7. MX7575/MX7576 to Z-80 ROM Interface
ADDRESS
DECODE
ADDRESS BUS
+5V
DATA BUS
Z-80
MREQ
RD
RD
CS
EN
TP/MODE
D7
D0
DB7
DB0
MX7575*
MX7576
* SOME CIRCUITRY OMITTED FOR CLARITY
Figure 8. MX7575/MX7576 to TMS32010 ROM Interface
ADDRESS
DECODE
ADDRESS BUS
+5V
DATA BUS
PA2
PA0
MEN
DEN
RD
CS
EN
TP/MODE
D7
D0
DB7
DB0
MX7575*
MX7576
TMS32010
* SOME CIRCUITRY OMITTED FOR CLARITY
Figure 9. MX7576 Asynchronous Conversion Mode Timing
Diagram
CS
RD
BUSY
DATA
HIGH-
IMPEDANCE
BUS
HIGH-
IMPEDANCE
BUS
VALID
DATA
t1
t5
t4
t3
t7
HIGH-IMPEDANCE BUS
VALID
DATA
UPDATE
LATCH
DEFER
UPDATING
ADDRESS
ENCODE
ADDRESS BUS
DATA BUS
ADDRESS
LATCH
8085A
A0–A15
RD
RD
CS
MODE
D0–D7
ALE
AD0–AD7
MX7576*
* SOME CIRCUITRY OMITTED FOR CLARITY
Figure 10. MX7576 to 8085A Asynchronous Conversion Mode
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com