Electronic Components Datasheet Search
  English  ▼

X  

MX7575JCWN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX7575JCWN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575JCWN Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX7575JCWN Datasheet HTML 1Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 2Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 3Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 4Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 5Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 6Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 7Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 8Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V; VREF = 1.23V; AGND = DGND = 0V; fCLK = 4MHz external for MX7575; fCLK = 2MHz external for MX7576;
TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND...............................................................-0.3V, +7V
VDD to DGND ..............................................................-0.3V, +7V
AGND to DGND ...............................................-0.3V, VDD + 0.3V
Digital Input Voltage to DGND
(
CS, RD, TP, MODE) ......................................-0.3V, VDD + 0.3V
Digital Output Voltage to DGND
(
BUSY, D0–D7) ..............................................-0.3V, VDD + 0.3V
CLK Input Voltage to DGND ............................-0.3V, VDD + 0.3V
REF to AGND ...................................................-0.3V, VDD + 0.3V
AIN to AGND....................................................-0.3V, VDD + 0.3V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ...............889mW
Wide SO (derate 9.52mW/°C above +70°C)..................762mW
CERDIP (derate 10.53mW/°C above +70°C) .................842mW
PLCC (derate 10.00mW/°C above +70°C) ....................800mW
Operating Temperature Ranges
MX757_J/K ............................................................0°C to +70°C
MX757_A/B ........................................................-25°C to +85°C
MX757_JE/KE ....................................................-40°C to +85°C
MX757_S/T.......................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering,10sec) ..............................+300°C
VIN = 0V or VDD
±10
IIN
Input Current
µA
±1
V
2.4
VINH
Input High Voltage
V
0.8
VINL
Input Low Voltage
µA
500
IREF
Reference Current
V
1.23
VREF
Reference Voltage
dB
45
SNR
Signal-to-Noise Ratio (Note 2)
V/µs
0.386
Slew Rate, Tracking
M
Ω
10
DC Input Impedance
V
02VREF
Voltage Range
±1
Bits
8
Resolution
ppm/°C
±5
Offset Tempco
LSB
±1/2
Offset Error (Note 1)
ppm/°C
±5
Full-Scale Tempco
LSB
±1
Full-Scale Error
LSB
±2
TUE
Total Unadjusted Error
±1/2
LSB
±1
INL
Relative Accuracy
Bits
8
No-Missing-Codes Resolution
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = TMIN to TMAX
TA = +25°C
MX757_K/B/T
±5% variation for specified performance
MX7575, VIN = 2.46Vp-p at 10kHz, Figure 13
MX7575
MX757_J/A/S
MX757_K/B/T
MX757_J/A/S
1LSB = 2VREF/256
CONDITIONS
pF
10
CIN
Input Capacitance (Note 2)
ACCURACY
ANALOG INPUT
REFERENCE INPUT
LOGIC INPUTS
CS, RD, MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com