Electronic Components Datasheet Search
  English  ▼

X  

MX7575JCWN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MX7575JCWN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575JCWN Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MX7575JCWN Datasheet HTML 2Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 3Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 4Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 5Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 6Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 7Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 8Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 9Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
including the 8085A-2, test the status of the READY
input immediately after the start of an instruction cycle.
Therefore, if the MX7575/MX7576 are to be effective in
placing the µP in a wait state, their
BUSY output should
go low very early in the cycle. When using the 8085A-2,
the earliest possible indication of an upcoming read
operation is provided by the S0 status signal. Thus, S0,
which is low for a read cycle, should be connected to
the
RD input of the MX7575/MX7576. Figure 4 shows
the connection diagram for the 8085A-2 to the
MX7575/MX7576 in slow-memory interface mode.
ROM Interface Mode
Figure 5 shows the timing diagram for ROM interface
mode. In this mode, the µP does not need to be placed
in a wait state. A conversion is started with a read
instruction (
RD and CS go low), and old data is
accessed. The
BUSY signal then goes low to indicate
the start of a conversion. As before, the MX7575
track/hold acquires the signal on the third falling clock
edge after
RD goes low, while the MX7576 samples it
eight times during a conversion. At the end of a conver-
sion (
BUSY going high), another read instruction always
accesses the new data and normally starts a second
conversion. However, if
RD and CS go low within one
external clock period of
BUSY going high, then the sec-
ond conversion is not started. Furthermore, for correct
operation in this mode,
RD and CS should not go low
before
BUSY returns high.
Figures 6 and 7 show the connection diagrams for
interfacing the MX7575/MX7576 in the ROM interface
mode. Figure 6 shows the connection diagram for the
6502/6809 µPs, and Figure 7 shows the connections for
the Z-80.
Due to their fast interface timing, the MX7575/MX7576
will interface to the TMS32010 running at up to 18MHz.
Figure 8 shows the connection diagram for the
TMS32010. In this example, the MX7575/MX7576 are
mapped as a port address. A conversion is initiated by
using an IN A and a PA instruction, and the conversion
result is placed in the TMS32010 accumulator.
Asynchronous Conversion Mode (MX7576)
Tying the MODE pin low places the MX7576 into a con-
tinuous conversion mode. The
RD and CS inputs are
only used for reading data from the converter. Figure 9
shows the timing diagram for this mode of operation,
and Figure 10 shows the connection diagram for the
8085A. In this mode, the MX7576 looks like a ROM to
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
6
_______________________________________________________________________________________
Figure 3. Slow-Memory Interface Timing Diagram
CS
RD
BUSY
DATA
HIGH-
IMPEDANCE
BUS
HIGH-
IMPEDANCE
BUS
OLD DATA
NEW
DATA
t1
t5
tCONV
t2
t3
t6
t7
Figure 4. MX7575/MX7576 to 8085A-2 Slow-Memory Interface
ADDRESS
DECODE
ADDRESS BUS
+5V
DATA BUS
ADDRESS
LATCH
8085A-2
A8–A15
S0
RD
CS
TP/MODE
BUSY
D0–D7
ALE
AD0–AD7
READY
MX7575*
MX7576
* SOME CIRCUITRY OMITTED FOR CLARITY
S0 IS LOW FOR READ CYCLES
Figure 5. ROM Interface Timing Diagram
CS
RD
BUSY
DATA
HIGH-
IMPEDANCE
BUS
HIGH-
IMPEDANCE
BUS
OLD
DATA
t1
t5
t4
t2
t3
t7
HIGH-IMPEDANCE BUS
NEW
DATA
t8
t3
t7
Figure 6. MX7575/MX7576 to 6502/6809 ROM Interface
ADDRESS
DECODE
ADDRESS BUS
+5V
DATA BUS
6502-6809
A0–A15
R/W
Φ2 OR E
RD
CS
EN
TP/MODE
D0–D7
D0–D7
MX7575*
MX7576
* SOME CIRCUITRY OMITTED FOR CLARITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com