Electronic Components Datasheet Search
  English  ▼

X  

MX7575JCWN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX7575JCWN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575JCWN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7575JCWN Datasheet HTML 1Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 2Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 3Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 4Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 5Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 6Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 7Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 8Page - Maxim Integrated Products MX7575JCWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
_______________________________________________________________________________________
3
Note 1: Offset Error is measured with respect to an ideal first-code transition that occurs at 1/2LSB.
Note 2: Sample tested at +25°C to ensure compliance.
Note 3: Accuracy may degrade at conversion times other than those specified.
Note 4: Power-supply current is measured when MX7575/MX7576 are inactive, i.e.:
For MX7575
CS = RD = BUSY = high;
For MX7576
CS = RD = BUSY = MODE = high.
Using recommended
clock components:
RCLK = 100kΩ,
CCLK = 100pF;
TA = +25°C
VOUT = 0V to VDD, D0–D7
VIN = 0V
VIN = VDD
4.75V < VDD < 5.25V
LSB
±1/4
Power-Supply Rejection
mW
15
Power Dissipation
mA
7
IDD
Supply Current
36
V
5
VDD
Supply Voltage
µs
10
30
Conversion Time with
Internal Clock
515
µs
10
Conversion Time with
External Clock
5
pF
10
Floating State Output
Capacitance (Note 2)
µA
±10
Floating State Leakage Current
V
2.4
VINH
Input High Voltage
V
0.8
VINL
Input Low Voltage
±1
V
4.0
VOH
Output High Voltage
V
0.4
VOL
Output Low Voltage
700
IINL
µA
800
Input Low Current
700
IINH
µA
800
Input High Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MX757_S/T
MX757_J/A/K/B
±5% for specified performance
MX7576
MX7575
MX7576: fCLK = 2MHz
TA = +25°C
ISOURCE = 40µA
MX7575: fCLK = 4MHz
ISINK = 1.6mA
MX757_J/A/K/B
MX757_S/T
MX757_J/A/K/B
D0–D7
MX757_S/T
TA = TMIN to TMAX
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V; VREF = 1.23V; AGND = DGND = 0V; fCLK = 4MHz external for MX7575; fCLK = 2MHz external for MX7576;
TA = TMIN to TMAX, unless otherwise noted.)
CLOCK
LOGIC OUTPUTS (D0–D7,
BUSY)
CONVERSION TIME (Note 3)
POWER REQUIREMENTS (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com