Electronic Components Datasheet Search
  English  ▼

X  

M35052 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
14
Register
CUR0
CUR1
CUR2
CUR3
CUR4
CUR5
CUR6
CUR7
CBLINK
__________
CL17/18
TEST22
RGBON
TEST24
TEST32
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Let cursor displaying address be CURS,
CURS = T !
Σ2nCURn
No blinking
Blinking
Cursor displaying at the 17th dot by vertical direction.
Cursor displaying at the 18th dot by vertical direction.
It should be fixed to “0”.
Can not be used.
Normal
Character background coloring
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(8) Address F716
Remarks
Set the cursor displaying
address by use of CUR7 through
CUR0.
CUR7 to CUR0
(11110000)
setting is forbidden under 24
characters display.
CUR7 to CUR0
(11100000)
setting is forbidden under 32
characters display.
Set CUR7 to CUR0 = (11111111)
under cursor is not be displayed.
The cursor displaying address
(CURS) is correspond to display
construction.
The cursor blinking setting
Refer to character construction.
Refer to supplemental
explanation (4).
7
n=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com