Electronic Components Datasheet Search
  English  ▼

X  

M35052 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
15
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
BLK0
BLK1
EX
SCOR
STOPIN
STOP1
DSPON
RAMERS
EHP0
EHP1
EHP2
EHP3
EHP4
LEVEL1
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
External synchronization
Internal synchronization
Superimpose monotone display
Superimpose coloring display (only NTSC)
fSC input mode
Can not be used.
Oscillation VCO for display
Stop oscillation VCO for display
Display OFF
Display ON
RAM not erased
RAM erased
Let encode data programming start position be EHS,
EHS = T !
Σ2nEHPn+6
Internal bias OFF
Internal bias ON
DSPn= “0”
Matrix-outline size
Character size
Border size
Matrix-outline size
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn= “1”
Matrix-outline
border size
(9) Address F816
Remarks
Display mode
(BLNK output) variable
Synchronizing signal switching
(Note1)
“1” setting is forbidden at internal
synchronous or PAL, M-PAL
mode displaying.
OSCIN oscillation control
Control oscillation VCO for
display
This register does not exist
(Note 3).
Set encode start position by use
of EHP4 through EHP0.
EHP4 to EHP0 = (00000) to
(01111) is setting forbidden.
Refer to encode function (3)
Generates bias potential for decod-
ing and synchronous separation.
Notes 1. In dealing with the internal synchronization, cut off external video signals outside the IC. The leakage of external input video signals
can be avoided.
Notes 2. In displaying color superimposition, enter into the OSCIN pin the fSC signal that phase-synchronizes with the color burst of the
composite video signals (input to the CVIN pin).
Notes 3. Erases all the display RAM. The character code turns to blank-FF16, the encode data bit and the blinking bit turn to “1” respectively,
and reversed character bit turns to “0”.
Border size
Matrix-outline size
Character size
4
n=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com