Electronic Components Datasheet Search
  English  ▼

X  

M35052 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
19
This display format allows each line to be controlled independently,
so that two kinds of display formats can be combined on the same
screen.
DISPLAY FORMS
M35052-XXXSP/FP has the following four display forms as the blank-
ing function, when CO1 and BLNK1 are output.
(1) Character size
: Blanking same as the character size.
(2) Border size
: Blanking the background as a size from cha-
racter.
(3) Matrix-outline size: Blanking the background as a size from all
character font size.
(4) Matrix-outline
: Blanking the background as a size from all
border size
character font size.
Border display.
Fig. 8 Display forms at each display mode
Scanning
line
CVIDEO
12 dots
14 dots
a:Background carrier
color signal
(1) Character size
(2) Border size
(3) Matrix-outline size
CO1
BLNK1
aa
aa
V
V
Note: In this case, the output polarity that CO1 @and BLNK1 @is positive.
14 dots
(4) Matrix-outline border size
12 dots
18 dots
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com