Electronic Components Datasheet Search
  English  ▼

X  

M35052 Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
24
Fig. 14 Encode data output
(3) Encode data output
Symbol
A
B
C
D
E
H
VOH
VOM
VOL
Min.
–
–
–
–
–
–
–
1.5
–
Typ.
(EHS+9)!
1/(fH!192)*
6.5P
2P
1P
16P
1/fH
5.0
2.3
0
Unit
µs
µs
µs
µs
µs
µs
V
V
V
VDD : 5.0V, Ta : 25
°C
Digital 3 value output (EDO output)
1P = 1/(fH ! 32)
fH : Horizontal synchronous frequency (MHz)
* It is possible to make a fine adjustment (in increments of 1/(fH ! 192)) by use of EHS (registers EHP4 to
EHP0 of address F816).
(EHS
≤15 setting is forbidden.)
H
AB
C
D
E
VOH
VOM
VOL
Clock run-in
Start bit
Character 1
Character 2
LSB1
LSB2
MSB1
MSB2
–
–
–
–
–
–
3.0
–
Max.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com