Electronic Components Datasheet Search
  English  ▼

X  

M35052 Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
29
Parameter
SCK width
__________
CS setup time
__________
CS hold time
SIN setup time
SIN hold time
1 word writing time
Symbol
tw(SCK)
__________
tsu(CS)
____________
th(CS)
tsu(SIN)
th(SIN)
tword
Min.
400
200
2
200
200
12.8
Unit
ns
ns
µs
ns
ns
µs
__
__
Note. When oscillation stop at register STOR1 (address F816), 1V (field term) or more of tSU(CS) and th(CS) are needed.
Max.
–
–
–
–
–
–
Typ.
–
–
–
–
–
–
Limits
TIMING REQUIREMENTS (Ta = –20°C to 70°C, VDD = 5±0.25V, unless otherwise noted)
Fig. 19 Serial input timing requirements
SCK
CS
CS
2 ˚s
(min.)
tw(CS)
tw(SCK)
tsu(SIN)th(SIN)
tsu(CS)
th(CS)
tw(SCK)
SIN
SCK
tword
12
16
14
...
15
3
12
16
14
c
15
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com