Electronic Components Datasheet Search
  English  ▼

X  

LM5002 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002 Datasheet(HTML) 1 Page - Texas Instruments

  LM5002 Datasheet HTML 1Page - Texas Instruments LM5002 Datasheet HTML 2Page - Texas Instruments LM5002 Datasheet HTML 3Page - Texas Instruments LM5002 Datasheet HTML 4Page - Texas Instruments LM5002 Datasheet HTML 5Page - Texas Instruments LM5002 Datasheet HTML 6Page - Texas Instruments LM5002 Datasheet HTML 7Page - Texas Instruments LM5002 Datasheet HTML 8Page - Texas Instruments LM5002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VIN
FB
EN
RT
GND
SW
LM5002
VCC
COMP
+12V to +36V
+48V
LM5002
www.ti.com
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
LM5002 High Voltage Switch Mode Regulator
Check for Samples: LM5002
1
FEATURES
DESCRIPTION
The LM5002 high voltage switch mode regulator
2
•
Integrated 75 Volt N-Channel MOSFET
features all of the functions necessary to implement
•
Ultra-Wide Input Voltage Range from 3.1V to
efficient high voltage Boost, Flyback, SEPIC and
75V
Forward converters, using few external components.
•
Integrated High Voltage Bias Regulator
This easy to use regulator integrates a 75 Volt N-
Channel MOSFET with a 0.5 Amp peak current limit.
•
Adjustable Output Voltage
Current mode control provides inherently simple loop
•
1.5% Output Voltage Accuracy
compensation
and
line-voltage
feed-forward
for
•
Current Mode Control with Selectable
superior rejection of input transients. The switching
Compensation
frequency is set with a single resistor and is
programmable up to 1.5MHz. The oscillator can also
•
Wide Bandwidth Error Amplifier
be synchronized to an external clock. Additional
•
Integrated Current Sensing and Limiting
protection features include: current limit, thermal
•
Integrated Slope Compensation
shutdown,
under-voltage
lockout
and
remote
shutdown capability. The device is available in both
•
85% Maximum Duty Cycle Limit
SOIC-8 and WSON-8 packages.
•
Single Resistor Oscillator Programming
•
Oscillator Synchronization Capability
Packages
•
Enable / Undervoltage Lockout (UVLO) Pin
•
SOIC-8
•
Thermal Shutdown
•
WSON-8 (4mm x 4mm)
Typical Application Circuit
Figure 1. Boost Regulator Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
367Kb / 18P
High Voltage Switch Mode Regulator
LM5002MA NSC-LM5002MA Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5002MA NSC-LM5002MA Datasheet
367Kb / 18P
High Voltage Switch Mode Regulator
LM5002MAX NSC-LM5002MAX Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
More results

Similar Description - LM5002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com