Electronic Components Datasheet Search
  English  ▼

X  

LM5002 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5002 Datasheet HTML 7Page - Texas Instruments LM5002 Datasheet HTML 8Page - Texas Instruments LM5002 Datasheet HTML 9Page - Texas Instruments LM5002 Datasheet HTML 10Page - Texas Instruments LM5002 Datasheet HTML 11Page - Texas Instruments LM5002 Datasheet HTML 12Page - Texas Instruments LM5002 Datasheet HTML 13Page - Texas Instruments LM5002 Datasheet HTML 14Page - Texas Instruments LM5002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10
VIN
VPWR
0.1 PF
LM5002
LM5002
www.ti.com
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
APPLICATION INFORMATION
The following information is intended to provide guidelines for the power supply designer using the LM5002.
VIN
The voltage applied to the VIN pin can vary within the range of 3.1V to 75V. The current into the VIN pin
depends primarily on the gate charge of the power MOSFET, the switching frequency, and any external load on
the VCC pin. It is recommended the filter shown in Figure 17 be used to suppress transients which may occur at
the input supply. This is particularly important when VIN is operated close to the maximum operating rating of the
LM5002.
When power is applied and the VIN voltage exceeds 2.8V with the EN pin voltage greater than 0.45V, the VCC
regulator is enabled, supplying current into the external capacitor connected to the VCC pin. When the VIN
voltage is between 2.8V and 6.9V, the VCC voltage is approximately equal to the VIN voltage. When the voltage
on the VCC pin exceeds 6.9V, the VCC pin voltage is regulated at 6.9V. In typical flyback applications, an
auxiliary transformer winding is connected through a diode to the VCC pin. This winding must raise the VCC
voltage above 6.9V to shut off the internal start-up regulator. The current requirements from this winding are
relatively small, typically less than 20 mA. If the VIN voltage is much higher than the auxiliary voltage, the
auxiliary winding will significantly improve conversion efficiency. It also reduces the power dissipation within the
LM5002. The externally applied VCC voltage should never exceed 14V. Also the applied VCC should never
exceed the VIN voltage to avoid reverse current through the internal VCC to VIN diode shown in the LM5002
Block Diagram.
Figure 17. Input Transient Protection
SW PIN
Attention must be given to the PC board layout for the SW pin which connects to the power MOSFET drain.
Energy can be stored in parasitic inductance and capacitance which cause switching spikes that negatively effect
efficiency, and conducted and radiated emissions. These connections should be as short as possible to reduce
inductance and as wide as possible to reduce resistance. The loop area, defined by the SW and GND pin
connections, the transformer or inductor terminals, and their respective return paths, should be minimized.
EN / UVLO VOLTAGE DIVIDER SELECTION
Two dedicated comparators connected to the EN pin are used to detect under-voltage and shutdown conditions.
When the EN pin voltage is below 0.45V, the controller is in a low current shutdown mode where the VIN current
is reduced to 95 µA. For an EN pin voltage greater than 0.45V but less than 1.26V the controller is in standby
mode, with all internal circuits operational, but the PWM gate driver signal is blocked. Once the EN pin voltage is
greater than 1.26V, the controller is fully enabled. Two external resistors can be used to program the minimum
operational voltage for the power converter as shown in Figure 18. When the EN pin voltage falls below the
1.26V threshold, an internal 100 mV threshold hysteresis prevents noise from toggling the state, so the voltage
must be reduced to 1.16V to transition to standby. Resistance values for R1 and R2 can be determined from the
following equations:
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com