Electronic Components Datasheet Search
  English  ▼

X  

LM5002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5002 Datasheet HTML 9Page - Texas Instruments LM5002 Datasheet HTML 10Page - Texas Instruments LM5002 Datasheet HTML 11Page - Texas Instruments LM5002 Datasheet HTML 12Page - Texas Instruments LM5002 Datasheet HTML 13Page - Texas Instruments LM5002 Datasheet HTML 14Page - Texas Instruments LM5002 Datasheet HTML 15Page - Texas Instruments LM5002 Datasheet HTML 16Page - Texas Instruments LM5002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PWM
VCC
FB
5k
COMP
5V
VOUT
LM5002
SHUTDOWN
and STANDBY
SOFT-START
CAPACITOR
RSS
1.3V
1.26V
LM5002
www.ti.com
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
SOFTSTART
Soft-start (SS) can be implemented with an external capacitor connected to COMP through a diode as shown in
Figure 20. The COMP discharge MOSFET conducts during Shutdown and Standby modes to keep the COMP
voltage below the PWM offset (1.3V), which inhibits PWM pulses. The error amplifier will attempt to raise the
COMP voltage after the EN pin exceeds the 1.26V standby threshold. Because the error amplifier output can
only sink current, the internal COMP pull-up resistor (~5 k
Ω) will supply the charging current to the SS capacitor.
The SS capacitor will cause the COMP voltage to gradually increase, until the output voltage achieves regulation
and FB assumes control of the COMP and the PWM duty cycle. The SS capacitor continues charging through a
large resistance, RSS, preventing the SS circuit from interfering with the normal error amplifier function. During
shutdown, the VCC diode discharges the SS capacitor.
Figure 20. Soft-Start
Printed Circuit Board Layout
The LM5002 Current Sense and PWM comparators are very fast and may respond to short duration noise
pulses. The components at the SW, COMP, EN and the RT pins should be as physically close as possible to the
IC, thereby minimizing noise pickup on the PC board tracks.
The SW output pin of the LM5002 should have a short, wide conductor to the power path inductors, transformers
and capacitors in order to minimize parasitic inductance that reduces efficiency and increases conducted and
radiated noise. Ceramic decoupling capacitors are recommended between the VIN pin to the GND pin and
between the VCC pin to the GND pin. Use short, direct connections to avoid clock jitter due to ground voltage
differentials. Small package surface mount X7R or X5R capacitors are preferred for high frequency performance
and limited variation over temperature and applied voltage.
If an application using the LM5002 produces high junction temperatures during normal operation, multiple vias
from the GND pin to a PC board ground plane will help conduct heat away from the IC. Judicious positioning of
the PC board within the end product, along with use of any available air flow will help reduce the junction
temperatures. If using forced air cooling, avoid placing the LM5002 in the airflow shadow of large components,
such as input capacitors, inductors or transformers.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com