Electronic Components Datasheet Search
  English  ▼

X  

LM5002 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5002 Datasheet HTML 6Page - Texas Instruments LM5002 Datasheet HTML 7Page - Texas Instruments LM5002 Datasheet HTML 8Page - Texas Instruments LM5002 Datasheet HTML 9Page - Texas Instruments LM5002 Datasheet HTML 10Page - Texas Instruments LM5002 Datasheet HTML 11Page - Texas Instruments LM5002 Datasheet HTML 12Page - Texas Instruments LM5002 Datasheet HTML 13Page - Texas Instruments LM5002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM5002
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
www.ti.com
Current Amplifier and Slope Compensation
The LM5002 employs peak current mode control which also provides a cycle-by-cycle over current protection
feature. An internal 100 m
Ω current sense resistor measures the current in the power MOSFET source. The
sense resistor voltage is amplified 30 times to provide a 3V/A signal into the current limit comparator. Current
limiting is initiated if the internal current limit comparator input exceeds the 1.5V threshold, corresponding to
0.5A. When the current limit comparator is triggered, the SW output pin immediately switches to a high
impedance state.
The current sense signal is reduced to a scale factor of 2.1V/A for the PWM comparator signal. The signal is
then summed with a 450mV peak slope compensation ramp. The combined signal provides the PWM
comparator with a control signal that reaches 1.5V when the MOSFET current is 0.5A. For duty cycles greater
than 50%, current mode control circuits are subject to sub-harmonic oscillation (alternating between short and
long PWM pulses every other cycle). Adding a fixed slope voltage ramp signal (slope compensation) to the
current sense signal prevents this oscillation. The 450mV ramp (zero volts when the power MOSFET turns on,
and 450mV at the end of the PWM clock cycle) adds a fixed slope to the current sense ramp to prevent
oscillation.
To prevent erratic operation at low duty cycle, a leading edge blanking circuit attenuates the current sense signal
when the power MOSFET is turned on. When the MOSFET is initially turned on, current spikes from the power
MOSFET drain-source and gate-source capacitances flow through the current sense resistor. These transient
currents normally cease within 50 ns with proper selection of rectifier diodes and proper PC board layout.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the IC in the event the maximum junction temperature
is exceeded. When the 165°C junction temperature threshold is reached, the regulator is forced into a low power
standby state, disabling all functions except the VCC regulator. Thermal hysteresis allows the IC to cool down
before it is re-enabled. Note that since the VCC regulator remains functional during this period, the soft-start
circuit shown in Figure 20 should be augmented if soft-start from Thermal Shutdown state is required.
Power MOSFET
The LM5002 switching regulator includes an N-Channel MOSFET with 850 m
Ω on-resistance. The on-resistance
of the LM5002 MOSFET varies with temperature as shown in the Typical Performance Characteristics graph.
The typical total gate charge for the MOSFET is 2.4 nC which is supplied from the VCC pin when the MOSFET is
turned on.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com