Electronic Components Datasheet Search
  English  ▼

X  

LM5002 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5002
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5002 Datasheet HTML 5Page - Texas Instruments LM5002 Datasheet HTML 6Page - Texas Instruments LM5002 Datasheet HTML 7Page - Texas Instruments LM5002 Datasheet HTML 8Page - Texas Instruments LM5002 Datasheet HTML 9Page - Texas Instruments LM5002 Datasheet HTML 10Page - Texas Instruments LM5002 Datasheet HTML 11Page - Texas Instruments LM5002 Datasheet HTML 12Page - Texas Instruments LM5002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PWM
FB
5k
COMP
5V
VOUT
LM5002
1
1
¸¸
¹
·
¨¨
©
§
1
C1
C2
R2
RFEEDBACK
R1
1.3V
1.26V
FDC_POLE =
FPOLE =
FZERO =
2S x R1 x (C1 + C2)
C1 x C2
2S x R2 x C2
2S x R2 x
C1 + C2
LM5002
www.ti.com
SNVS496D – JANUARY 2007 – REVISED MARCH 2013
Enable / Standby
The LM5002 contains a dual level Enable circuit. When the EN pin voltage is below 450 mV, the IC is in a low
current shutdown mode with the VCC LDO disabled. When the EN pin voltage is raised above the shutdown
threshold but below the 1.26V standby threshold, the VCC LDO regulator is enabled, while the remainder of the
IC is disabled. When the EN pin voltage is raised above the 1.26V standby threshold, all functions are enabled
and normal operation begins. An internal 6 µA current source pulls up the EN pin to activate the IC when the EN
pin is left disconnected.
An external set-point resistor divider from VIN to GND can be used to determine the minimum operating input
range of the regulator. The divider must be designed such that the EN pin exceeds the 1.26V standby threshold
when VIN is in the desired operating range. The internal 6 µA current source should be included when
determining the resistor values. The shutdown and standby thresholds have 100 mV hysteresis to prevent noise
from toggling between modes. When the VIN voltage is below 3.5VDC during start-up and the operating
temperature is below -20°C, the EN pin should have a pull-up resistor that will provide 2 µA or greater current.
The EN pin is internally protected by a 6V Zener diode through a 1 k
Ω resistor. The enabling voltage may exceed
the Zener voltage, however the Zener current should be limited to less than 4mA.
Error Amplifier and PWM Comparator
An internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference. The output of the error amplifier is connected to the
COMP pin allowing the user to add loop compensation, typically a Type II network, as illustrated in Figure 16.
This network creates a low frequency pole that rolls off the high DC gain of the amplifier, which is necessary to
accurately regulate the output voltage. FDC_POLE is the closed loop unity gain (0 dB) frequency of this pole. A zero
provides phase boost near the closed loop unity gain frequency, and a high frequency pole attenuates switching
noise. The PWM comparator compares the current sense signal from the current sense amplifier to the error
amplifier output voltage at the COMP pin.
Figure 16. Type II Compensator
When isolation between primary and secondary circuits is required, the Error Amplifier is usually disabled by
connecting the FB pin to GND. This allows the COMP pin to be driven directly by the collector of an opto-coupler.
In isolated designs the external error amplifier is located on the secondary circuit and drives the opto-coupler
LED. The compensation network is connected to the secondary side error amplifier. An example of an isolated
regulator with an opto-coupler is shown in Figure 22.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com