Electronic Components Datasheet Search
  English  ▼

X  

BL4056 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL4056
Description  1A Lithium Ion Battery Linear Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4056 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4056 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BL4056
www.belling.com.cn
V1.4
Page7
Description of the Principle
The BL4056 is a complete constant-current/constant-voltage linear charger for single cell lithium-ion batteries.
Constant-current/constant-voltage to charger batter by internal MOSFET .It can deliver up to 1A of charge
current .No blocking diode or external current sense resistor is required. BL4056 include two Open-Drain charge
status Pins: Charge status indicator
and battery failure status output
.
The internal thermal regulation circuit reduces the programmed charge current if the die temperature attempts to
rise above a preset value of approximately 145℃. This feature protects the BL4056 from excessive temperature, and
allows the user to push the limits of the power handling capability of a given circuit board without risk of damaging the
BL4056 or the external components. Another benefit of adopting thermal regulation is that charge current can be set
according to typical, not worst-case, ambient temperatures for a given application with the
assurance that the charger will automatically reduce the current in worst-case conditions.
The charge cycle begins when the voltage at the VCC pin rises above the UVLO level, a current set resistor is
connected from the PROG pin to ground, and the CE pin is pulled above the chip enable threshold. The
pin
outputs a logic low to indicate that the charge cycle is on going. At the beginning of the charge cycle, if the battery
voltage is below 2.9V, the charge is in precharge mode to bring the cell voltage up to a safe level for charging. The
charger goes into the fast charge constant-current mode once the voltage on the BAT pin rises above 2.9 V. In
constant current mode, the charge current is set by RPROG. When the battery approaches the regulation voltage
4.2V/4.34V, the charge current begins to decrease as the BL4056 enters the constant-voltage mode. When the
current drops to charge termination threshold, the charge cycle is terminated, and
pin assumes a high
impedance state to indicate that the charge cycle is terminated and
pin is pulled low. The charge termination
threshold is 10% of the current in constant current mode. To restart the charge cycle, remove the input voltage and
reapply it, or momentarily force CE pin to 0V. The charge cycle can also be automatically restarted if the BAT pin
voltage falls below the recharge threshold. The on-chip reference voltage, error amplifier and the resistor divider
provide regulation voltage with 1% accuracy which can meet the requirement of lithium-ion and lithium polymer
batteries. When the input voltage is not present, or input voltage is below VBAT, the charger goes into a sleep mode,
dropping battery drain current to less than 3µA. This greatly reduces the current drain on the battery and increases
the standby time. The charger can be shutdown by forcing the CE pin to GND.
The charging profile is shown in the following figure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com