Electronic Components Datasheet Search
  English  ▼

X  

BL4056 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL4056
Description  1A Lithium Ion Battery Linear Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4056 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4056 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BL4056
www.belling.com.cn
V1.4
Page8
Programming charge current
The charge current is programmed using a single resistor from the PROG pin to ground. The program resistor
and the charge current are calculated using the following equations.:
Charge termination
A charge cycle is terminated when the charge current falls to 1/10
th the programmed value after the final float
voltage is reached. This condition is detected by using an internal filtered comparator to monitor the PROG pin.
When the PROG pin voltage falls below 100mV for longer than tTEMP (typically 1.8mS), Charging is terminated. The
charge current is latched off and the BL4056 enters standby mode, where the input supply current drops to 55µA
(Note:C/10 termination is disabled in trickle charging and thermal limiting modes).
When charging, transient loads on the BAT pin can cause the PROG pin to fall below 100mV for short periods
of time before the DC charge current has dropped to 1/10
th the programmed value. The 1.8mS filter time (t
TEMP) on
the termination comparator ensures that transient loads of this nature do not result in premature charge cycle
termination. Once the average charge current drops below 1/10
th the programmed value, the BL4056 terminated the
charge cycle and ceases to provide any current through the BAT pin. In this state all loads on the BAT pin must be
supplied by the battery.
The BL4056 constantly monitors the BAT pin voltage in standby mode. If this voltage drops below the 4.02V
recharge threshold (VRECHRG ),another charge cycle begins and current is once again supplied to the battery. To
manually restart a charge cycle when in standby mode, the input voltage must be removed and reapplied or the
charger must be shut down and restarted using the PROG pin. Figure 1 shows the state diagram of a typical charge
cycle.
Charge status indicator
BL4056 has two open-drain status indicator output
and
.
is pull-down when the BL4056 in
a charge cycle. In other status
in high impedance.
and
are all in high impedance when the
battery out of the normal temperature.
Represent in failure state, when TEMP pin in typical connecting, or the charger with no battery: red LED and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com