Electronic Components Datasheet Search
  English  ▼

X  

BL4056 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL4056
Description  1A Lithium Ion Battery Linear Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4056 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4056 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BL4056
www.belling.com.cn
V1.4
Page13
If RCC=0.25 , VS=5V, VBAT=3.75V, TA=25℃ and
θ
JA =125
/W
℃
, we can calculate the thermal regulation charge
current: IBAT=948mA. It means that in this structure it can output 800mA full limiting charge current at more high
ambient temperature environment.
Although it can transport more energy and reduce the charge time in this application, but actually spread charge
time, if
BL4056 stay in under-voltage state, when VCC becomes too low in voltage mode. Fig.4 shows how the
voltage reduced with increase RCC value in this circuit. This technique will act the best function when in order to
maintain the minimize the dimension of the components and avoid voltage decreased to minimize RCC .
VCC bypass capacitor
Many types of capacitors can be used for input bypassing, however, caution must be exercised when using
multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic
capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger
input to a live power source. Adding a 1.5
resistor in series with a ceramic capacitor will minimize start-up voltage
transients.
Charging Current Soft Start
BL4056 includes a soft start circuit which used to maximize to reduce the surge current in the begging of charge
cycle. When restart a new charge cycle, the charging current ramps up from 0 to the full charging current within 20µs.
In the start process it can maximize to reduce the action which caused by surge current load.
USB and Wall Adapter Power
BL4056 allows charging from a USB port, a wall adapter can also be used to charge Li-Ion/Li-polymer batteries.
Figure 5 shows an example of how to combine wall adapter and USB power inputs. A P-channel MOSFET, M1, is
used to prevent back conducting into the USB port when a wall adapter is present and Schottky diode, D1, is used to
prevent USB power loss through the 1K
pull-down resistor.
Generally, AC adaptor is able to provide bigger much current than the value of specific current limiting which is
500mA for USB port. So can rise charge current to 600mA with using a N-MOSFET (MN1) and an additional set
resistor value as high as 10K.
Fig.3:A circuit to maximum the thermal
regulation charge current
Fig.4:The relationship curve between charge
current with RCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com