Electronic Components Datasheet Search
  English  ▼

X  

BL4056 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL4056
Description  1A Lithium Ion Battery Linear Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4056 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL4056 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
BL4056
www.belling.com.cn
V1.4
Page1
1A Lithium Ion Battery Linear Charger BL4056
General Description
Features
Applications
●Cellular Telephones
●Digital Still Cameras
●MP3 Players
●Bluetooth Applications
●Portable Devices
●USB Bus-Powered Chargers
Typical charge cycle(
(
(
(1000mAh battery)
)
)
)
BL4056 is a complete constant-current/constant voltage
linear charger for single cell lithium-ion batteries. With a
thermally enhanced 8-PIN SOP package on the bottom
and low external component count make the BL4056
ideally suited for portable applications. Furthermore the
BL4056 is specifically designed to work within USB power
specifications.
No external sense resistor is needed and no blocking
diode
is
required
due
to
the
internal
PMOSFET
architecture .Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature .The charge voltage
is fixed at 4.2V/4.34V,and the charge current can be
programmed externally with a single resistor. The BL4056
automatically terminates the charge cycle when the charge
current drops to 1/10
th the programmed value after the final
float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed the BL4056 automatically enters a low current
state dropping the battery drain current to less than
2µA.The BL4056 can be put into shutdown mode reducing
the supply current to 55µA.
Other features include Battery temperature monitor,
under-voltage lockout, automatic recharge and two status
pins to indicate charge and charge termination.
●Protection of battery cell reverse connection
● Programmable charge current up to 1A
●No MOSFET sense resistor or blocking diode
required
●Complete linear Charger in SOP8 Package for
single Cell Lithium-Ion Batteries.
●Constant-Current/Constant-Voltage
operation
with thermal regulation to maximize Rate
Without risk of overheating.
● Preset 4.2V/4.34V charge voltage with ±1%
accuracy
● Automatic Recharge
● Two Status Indication for Charge status, no
battery and battery failure indicators
● C/10 charge termination
● 55µA supply current in shutdown
● 2.9V trickle current charge threshold
● Soft-Start limits inrush current
● Battery Temperature Sensing


Similar Part No. - BL4056

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4056B BELLING-BL4056B Datasheet
404Kb / 6P
1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
BL4056B-42PEP BELLING-BL4056B-42PEP Datasheet
404Kb / 6P
1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
BL4056B-43PEP BELLING-BL4056B-43PEP Datasheet
404Kb / 6P
1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
More results

Similar Description - BL4056

ManufacturerPart #DatasheetDescription
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
Linear Technology
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
E-CMOS Corporation
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
1A, Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
1A Lithium Ion Battery Linear Charger
logo
Shenzhen Huazhimei Semi...
HM4058DR HMSEMI-HM4058DR Datasheet
879Kb / 9P
High withstand voltage 1A linear lithium ion battery charger
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4056A HMSEMI-HM4056A Datasheet
713Kb / 8P
1A linear lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
1A linear lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com