Electronic Components Datasheet Search
  English  ▼

X  

BL4056 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL4056
Description  1A Lithium Ion Battery Linear Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4056 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL4056 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4056 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BL4056
www.belling.com.cn
V1.4
Page3
Pin Configuration
Pin Assignment
Pin Num.
Symbol
Function
1
TEMP
Temperature sense input
Connecting TEMP pin to NTC thermistor’s output in Lithium ion battery pack. If TEMP
pin’s voltage is below 45% or above 80% of supply voltage VCC, this means that
battery’s temperature is too low or too high, charging is suspended. The temperature
sense function can be disabled by grounding the TEMP pin.
2
PROG
Constant Charge Current Setting and Charge Current Monitor Pin
The charge current is programmed by connecting a resistor RPROG from this pin to GND.
When in precharge mode, the PROG pin’s voltage is regulated to 0.1V. When charging
in constant-current mode this pin’s voltage is regulated to 1V. In all modes during
charging, the voltage on this pin can be used to measure the charge current using the
following formula:
3
GND
Ground
4
VCC
Positive input supply voltage
Provides power to the internal circuit. When VCC drops to within 80mV of the BAT pin
voltage, the BL4056 enters low power sleep mode, dropping IBAT to less than 2µA.
5
BAT
Battery connection Pin
Connect the positive terminal of the battery to this pin. Dropping BAT pin’s current to
less than 2µA when IC in disable mode or in sleep mode. BAT pin provides charge
current to the battery and provides regulation voltage of 4.2V/4.34V.
6
Charge terminated status output
is pulled low by an internal switch to indicate a battery charge terminated; this
means Charge termination. Otherwise
pin is in high impedance state.
7
Open-Drain charge status output
When the battery is being charged, the
pin is pulled low by an internal switch,
otherwise,
pin is in high impedance state.
8
CE
Chip enable input
A high input will put the device in the normal operating mode. Pulling the CE pin to low
level will put the BL4056 into disable mode. The CE pin can be driven by TTL or CMOS
logic level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com