Electronic Components Datasheet Search
  English  ▼

X  

NJM3545 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 3 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NJM3545
s FUNCTIONAL DESCRIPTION
The circuit NJM3545 is a low side driver capable of driving resistive or inductive loads not exceeding 2 A.
The driver has an error indicating function which generates an Error output signal when a fault condition has
occurred.
The circuits NJM3545 and NJM3548 are complementary drivers with equivalent functions and similar data.
NJM3545 is a sink driver and NJM3548 is a source driver.
Input stage
The output stage is switched on and off according to the status of the input. HIGH level activates the output. If the
input is left open, the circuit will accept it as a LOW level.
Output stage
The output stage contains a power transistor and two clamping diodes. The diodes are used for terminating line
transients from inductive loads. If the driver is inactive and the output is shorted to GND the driver will leak maxi-
mum
8
µA. See figure 18.
Protection circuit
The circuit contains two protection circuits:
•
Overload and Short circuit protection
•
Thermal protection
The overload and short circuit protection will be activated at I
out= 3.5 A typically at TJ= +25°C, see figure 20.
The output will be turned off immediately and latched to a high-impedance state after an overload or short circuit
has been detected.
Figure 6. Output stage
Figure 5. Input stage
5
I
Ref
GND
Input
3
GND
3
1
2
CC
Output
Fault condition
Input
Output
Error
How to resume normal operation
LOW=Error
HIGH=Normal
Normal
0
LOW
1 OFF
1 HIGH
——
1
HIGH
0
ON
1 HIGH
——
V
OUT Short to GND
0
LOW
1 OFF
0
LOW
Remove fault condition.
1
HIGH
0
ON
0
LOW
Remove fault condition.
V
OUT Short to VCC
0
LOW
1 OFF
1 HIGH
——
1
HIGH
1 OFF
0
LOW
Turn off and on after fault condition is removed.
Open load
0
LOW
1 OFF
1 HIGH
——
1
HIGH
0
ON
0
LOW
Attach proper load to output or turn off the driver.
Over temperature
0
LOW
1 OFF
1 HIGH
——
T
J=130 °C
1
HIGH
1 OFF
0
LOW
Temperature is reduced to approx 120
°C, or turn off the driver.
Figure 7. Error table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com