Electronic Components Datasheet Search
  English  ▼

X  

NJM3545 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 1 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJM3545
UNIVERSAL SINK DRIVER
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
NJM3545 is a bipolar universal high-current highly protected
low side driver with transparent input and 2000mA continuous
-current sink capability. A high-level input activates the output.
The driver is equipped with extensive electrical protection;
such as over current protection and thermal protection,
which makes the device virtually indestructible.
Furthermore it can detect open circuit and short circuit to ground.
A special feature is the Error indicating output function pin
which signals to the host system if the protection or the load
check functions is activated.
The NJM3545 and NJM3548 are complementary drivers and
have similar data.
s FEATURES
• 2000mA continuous-output current
• Short circuit to VCC protection
• Error signal to host system
• Open circuit detection
• Short circuit to ground detection
• Thermal protection
• Built-in protection diodes
• Package
TO-220 (5-pin)
s BLOCK DIAGRAM
Figure 1. Block Diagram
NJM3545TA2
Output
Thermal
protection
Short-circuit to
V
protection
Open circuit
detection
Q
R
S
Voltage reference
To logic
NJM3545
Input
Error
GND
Supply
cc
Short-circuit to
GND detection


Similar Part No. - NJM3545

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
NJM3548TA2 NJRC-NJM3548TA2 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
More results

Similar Description - NJM3545

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
Universal High Brightness LED Driver
logo
Sanken electric
SLA4051 SANKEN-SLA4051 Datasheet
121Kb / 3P
Sink Driver Arrays
SLA4052 SANKEN-SLA4052 Datasheet
121Kb / 3P
Sink Driver Arrays
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
List of Unclassifed Man...
SQ9910 ETC2-SQ9910 Datasheet
484Kb / 10P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com